Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6508700RSKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6508700RSKR
Description  PMIC for AMD Family 17h Models 10h-1Fh Processors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6508700RSKR Datasheet(HTML) 3 Page - Texas Instruments

  TPS6508700RSKR Datasheet HTML 1Page - Texas Instruments TPS6508700RSKR Datasheet HTML 2Page - Texas Instruments TPS6508700RSKR Datasheet HTML 3Page - Texas Instruments TPS6508700RSKR Datasheet HTML 4Page - Texas Instruments TPS6508700RSKR Datasheet HTML 5Page - Texas Instruments TPS6508700RSKR Datasheet HTML 6Page - Texas Instruments TPS6508700RSKR Datasheet HTML 7Page - Texas Instruments TPS6508700RSKR Datasheet HTML 8Page - Texas Instruments TPS6508700RSKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
3
TPS6508700
www.ti.com
SWCS134 – OCTOBER 2017
Submit Documentation Feedback
Product Folder Links: TPS6508700
Revision History
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Description
............................................ 1
1.4
Functional Block Diagram
............................ 2
2
Revision History
......................................... 3
3
Pin Configuration and Functions
..................... 4
3.1
Pin Functions
......................................... 4
4
Specifications
............................................ 7
4.1
Absolute Maximum Ratings
.......................... 7
4.2
ESD Ratings
.......................................... 7
4.3
Recommended Operating Conditions
................ 8
4.4
Thermal Information
.................................. 8
4.5
Electrical Characteristics: Total Current
Consumption
.......................................... 8
4.6
Electrical Characteristics: Reference and Monitoring
System
................................................ 9
4.7
Electrical Characteristics: Buck Controllers
......... 10
4.8
Electrical Characteristics: Synchronous Buck
Converters
........................................... 11
4.9
Electrical Characteristics: LDOs
.................... 12
4.10
Electrical Characteristics: Load Switches
........... 14
4.11
Digital Signals: I2C Interface
........................ 15
4.12
Digital Input Signals (CTLx)
......................... 15
4.13
Digital Output Signals (IRQB, GPOx)
............... 15
4.14
Timing Requirements
............................... 15
4.15
Switching Characteristics
........................... 16
4.16
Typical Characteristics
.............................. 17
5
Detailed Description
................................... 18
5.1
Overview
............................................ 18
5.2
Functional Block Diagram
........................... 19
5.3
SMPS Voltage Regulators
.......................... 20
5.4
LDO Regulators and Load Switches
................ 26
5.5
Power Good Information (PGOOD or PG) and GPO
Pins
.................................................. 27
5.6
Power Sequencing and Voltage-Rail Control
....... 29
5.7
Device Functional Modes
........................... 31
5.8
I2C Interface
......................................... 32
5.9
Register Maps
....................................... 35
6
Applications, Implementation, and Layout
........ 82
6.1
Application Information
.............................. 82
6.2
Typical Application
.................................. 82
6.3
Power Supply Coupling and Bulk Capacitors
....... 91
6.4
Do's and Don'ts
..................................... 91
7
Device and Documentation Support
............... 92
7.1
Device Support
..................................... 92
7.2
Documentation Support
............................. 92
7.3
Receiving Notification of Documentation Updates
.. 92
7.4
Community Resources
.............................. 92
7.5
Trademarks
.......................................... 92
7.6
Electrostatic Discharge Caution
..................... 92
7.7
Glossary
............................................. 92
8
Mechanical, Packaging, and Orderable
Information
.............................................. 92
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
October 2017
*
Initial Release


Similar Part No. - TPS6508700RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650830 TI1-TPS650830 Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZAJR TI1-TPS650830ZAJR Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZAJT TI1-TPS650830ZAJT Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZCGR TI1-TPS650830ZCGR Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZCGT TI1-TPS650830ZCGT Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
More results

Similar Description - TPS6508700RSKR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
   System PMIC for Mobile Application Processors
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
   System PMIC for Multi-Core Application Processors
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
   System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9066 RENESAS-DA9066 Datasheet
3Mb / 257P
   System PMIC for Dual/Quad-Core Processors
21-Feb-2022
logo
Silicon Laboratories
EFP01 SILABS-EFP01 Datasheet
2Mb / 158P
   EFP01 Energy Friendly PMIC Family
Rev. 1.3
logo
Siemens Semiconductor G...
SAB8288A SIEMENS-SAB8288A Datasheet
236Kb / 11P
   Bus Controller for SAB 8086 Family Processors
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
logo
AAEON Technology
COM-690E AAEON-COM-690E Datasheet
383Kb / 1P
   AMD Turion?? Sempron??(S1 Socket) Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com