Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTPS62097QWRGTRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # XTPS62097QWRGTRQ1
Description  2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPS62097QWRGTRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button XTPS62097QWRGTRQ1 Datasheet HTML 4Page - Texas Instruments XTPS62097QWRGTRQ1 Datasheet HTML 5Page - Texas Instruments XTPS62097QWRGTRQ1 Datasheet HTML 6Page - Texas Instruments XTPS62097QWRGTRQ1 Datasheet HTML 7Page - Texas Instruments XTPS62097QWRGTRQ1 Datasheet HTML 8Page - Texas Instruments XTPS62097QWRGTRQ1 Datasheet HTML 9Page - Texas Instruments XTPS62097QWRGTRQ1 Datasheet HTML 10Page - Texas Instruments XTPS62097QWRGTRQ1 Datasheet HTML 11Page - Texas Instruments XTPS62097QWRGTRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
TPS62097-Q1
SLVSDZ7 – AUGUST 2017
www.ti.com
Product Folder Links: TPS62097-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 100% Duty Cycle Mode
The device offers a low input to output voltage dropout by entering 100% duty cycle mode, when the input
voltage reaches the level of the output voltage. In this mode the high-side MOSFET switch is constantly turned
on and the low-side MOSFET is switched off. The minimum input voltage to maintain output regulation,
depending on the load current and output voltage, is calculated as:
VIN(min) = VOUT(min) + IOUT x (RDS(on) + RL)
where
VIN(min) = Minimum input voltage to maintain a minimum output voltage
IOUT = Output current
RDS(on) = High side FET on-resistance
RL = Inductor ohmic resistance (DCR)
(1)
When the device operates close to 100% duty cycle mode, the TPS62097-Q1 can't enter Power Save Mode
regardless of the load current if the input voltage decreases to typically 15% above the output voltage. The
device maintains output regulation in PWM mode.
7.3.2 Switch Current Limit and Hiccup Short Circuit Protection
The switch current limit prevents the devices from high inductor current and from drawing excessive current from
the battery or input voltage rail. Excessive current might occur with a shorted/saturated inductor or a heavy
load/shorted output circuit condition. If the inductor current reaches the threshold ILIMF, the high-side MOSFET is
turned off and the low-side MOSFET is turned on to ramp down the inductor current. Once this switch current
limit is triggered 32 times, the devices stop switching and enable the output discharge. The devices then
automatically start a new startup after a typical delay time of 100µs has passed. This is HICCUP short circuit
protection and is implemented to reduce the current drawn during a short circuit condition. The devices repeat
this mode until the high load condition disappears.
When the device is in forced PWM mode, the negative current limit of the low-side MOSFET is active. The
negative current limit prevents excessive current from flowing back through the inductor to the input.
7.3.3 Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages, an under voltage lockout is implemented, which shuts
down the devices at voltages lower than VUVLO with a hysteresis of 100mV.
7.3.4 Thermal Shutdown
The device goes into thermal shutdown and stops switching once the junction temperature exceeds TJSD. Once
the device temperature falls below the threshold by 20°C, the device returns to normal operation automatically.
7.4 Device Function Modes
7.4.1 Enable and Disable (EN)
The device is enabled by setting the EN pin to a logic High. Accordingly, shutdown mode is forced if the EN pin
is pulled Low with a shutdown current of typically 0.7 μA.
In shutdown mode, the internal power switches as well as the entire control circuitry are turned off. An internal
resistor of 165 Ω discharges the output via the VOS pin smoothly. The output discharge function also works
when thermal shutdown, undervoltage lockout or HICCUP short circuit protection are triggered.
An internal pull-down resistor of 375 kΩ is connected to the EN pin when the EN pin is Low. The pull-down
resistor is disconnected when the EN pin is High.
7.4.2 Power Save Mode and Forced PWM Mode (MODE)
The MODE pin is a multi-functional pin that allows the device operation in forced PWM mode or PWM/PSM
mode, and to select the PWM switching frequency.


Similar Part No. - XTPS62097QWRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTPS62422QDRCRQ1 TI1-XTPS62422QDRCRQ1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
XTPS62423QDRCRQ1 TI1-XTPS62423QDRCRQ1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
XTPS62424QDRCRQ1 TI1-XTPS62424QDRCRQ1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
XTPS629210QDRLRQ1 TI-XTPS629210QDRLRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   TPS629210-Q1 3-V to 17-V, 1-A Low IQ Buck Converter in SOT583 Package
XTPS62933DRLR TI-XTPS62933DRLR Datasheet
3Mb / 44P
[Old version datasheet]   TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
More results

Similar Description - XTPS62097QWRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
logo
Monolithic Power System...
NB638 MPS-NB638 Datasheet
765Kb / 19P
   High Efficiency, Fast Transient, 7A, 28V Synchronous Step-down Converter in a Tiny 3x4mm QFN Package
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
   1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com