Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTPS61322DBZT Datasheet(PDF) 1 Page - Texas Instruments

Part # XTPS61322DBZT
Description  6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPS61322DBZT Datasheet(HTML) 1 Page - Texas Instruments

  XTPS61322DBZT Datasheet HTML 1Page - Texas Instruments XTPS61322DBZT Datasheet HTML 2Page - Texas Instruments XTPS61322DBZT Datasheet HTML 3Page - Texas Instruments XTPS61322DBZT Datasheet HTML 4Page - Texas Instruments XTPS61322DBZT Datasheet HTML 5Page - Texas Instruments XTPS61322DBZT Datasheet HTML 6Page - Texas Instruments XTPS61322DBZT Datasheet HTML 7Page - Texas Instruments XTPS61322DBZT Datasheet HTML 8Page - Texas Instruments XTPS61322DBZT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TPS61322x
Battery
SW
VOUT
22uF
2.2uH
VOUT
(optional)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS61322
SLVSEB2 – SEPTEMBER 2017
TPS61322x 6.5-µA Quiescent Current, 1.8-A Switch Current Boost Converter
1
1 Features
1
Operating Input Voltage Range: 0.9 V to 5.5 V
Output Voltage Range: 1.8 V to 5.5 V
6.5-µA Quiescent Current into VOUT Pin
±3% Output Voltage Accuracy Over Temperature
Minimum Switch Peak Current Limit:
0.45 A for TPS61322
0.6 A for TPS613221
1.2 A for TPS613222
Higher Than 85% efficiency at 10 mA Load from
1.2-V to 2.2-V Conversion
Thermal Shutdown Protection
2.9-mm x 1.3-mm 3-pin SOT Package
2 Applications
1-cell to 3-cell Alkaline or NiMH Battery Powered
Applications
Gaming Control
Tablet
Portable Consumer
Medical Equipment
3 Description
The TPS61322x is a synchronous boost converter
with only 6.5-µA quiescent current. TPS61322x
provides
a
power-supply
solution
for
products
powered by alkaline battery, NiMH rechargeable
battery, or one-cell Li-Ion battery. The minimum
current limit is 0.45 A for TPS61322, 0.6 A for
TPS613221 and 1.2 A for TPS613222. The boost
converter is based on a hysteretic control topology
using synchronous rectification to obtain maximum
efficiency at minimal quiescent currents. Higher than
85% efficiency can be achieved at 10mA load from
1.2-V input to 2.2-V output.
TPS61322x
can
also
support
non-synchronous
operation for high output load applications. The
TPS613222 provides higher than 500 mA output
current capability at 3.0 V input voltage to 5.0 V
output voltage conversion with an external Schottky
diode in parallel with the internal rectifier FET.
The output voltage is set internally to a fixed output
voltage from 1.8 V to 5.5 V in increments of 0.1 V.
TPS61322x is packaged in a 2.9-mm × 1.3-mm 3-pin
SOT package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61322x
3 pin SOT
2.9-mm x 1.3-mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - XTPS61322DBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTPS61372YKBR TI1-XTPS61372YKBR Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
XTPS61372YKBT TI1-XTPS61372YKBT Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
XTPS61376RYHR TI-XTPS61376RYHR Datasheet
730Kb / 7P
[Old version datasheet]   TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with Input Average Current Limit and Load Disconnect
JANUARY 2022
XTPS61376RYHR TI-XTPS61376RYHR Datasheet
2Mb / 27P
[Old version datasheet]   TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
REVISED SEPTEMBER 2022
XTPS61390RTET TI1-XTPS61390RTET Datasheet
217Kb / 18P
[Old version datasheet]   85-VOUT Boost Converter With Current Mirror and Sample / Hold
More results

Similar Description - XTPS61322DBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Linear Technology
LT8494 LINER-LT8494 Datasheet
605Kb / 26P
   SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
logo
Texas Instruments
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com