Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS25821DSSR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821DSSR
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821DSSR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS25821DSSR Datasheet HTML 6Page - Texas Instruments TPS25821DSSR Datasheet HTML 7Page - Texas Instruments TPS25821DSSR Datasheet HTML 8Page - Texas Instruments TPS25821DSSR Datasheet HTML 9Page - Texas Instruments TPS25821DSSR Datasheet HTML 10Page - Texas Instruments TPS25821DSSR Datasheet HTML 11Page - Texas Instruments TPS25821DSSR Datasheet HTML 12Page - Texas Instruments TPS25821DSSR Datasheet HTML 13Page - Texas Instruments TPS25821DSSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
TPS25820, TPS25821
SLVSE24 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS25820 and TPS25821 devices are highly integrated USB Type-C source controllers with built-in power
switches developed for the USB Type-C connector and cable. The TPS25820 supports VCONN, while the
TPS25821 does not. The devices provide all of the functionality needed to support a USB Type-C DFP in a
system where USB power delivery (PD) source capabilities (for example, VBUS > 5 V) are not implemented. The
devices are designed to be compliant to the USB Type
‑C specification, release 1.3 which added new
requirements to discharge VCONN.
7.1.1 USB Type C Basic
For a detailed description of the Type-C spec refer to the USB-IF website to download the latest released
version. Some of the basic concepts of the Type-C spec that pertains to understanding the operation of the
TPS25820/21 (a Downward Facing Port, DFP device) are described as follows.
USB Type-C removes the need for different plug and receptacle types for host and device functionality. The
Type-C receptacle replaces both Type-A and Type-B receptacles since the Type-C cable is plug-able in either
direction between host and device. A host-to-device logical relationship is maintained via the configuration
channel (CC). Optionally hosts and devices can be either providers or consumers of power when USB PD
communication is used to swap roles.
All USB Type-C ports operate in one of below three data modes:
Host mode: the port can only be host (also provider of power)
Device mode: the port can only be device (also consumer of power)
Dual-Role mode: the port can be either host or device
Port types:
DFP (Downstream Facing Port): Host, specifically associated with flow of data (Host or Hub) in a USB link
Source: Port that asserts Rp (pull-up resistor) on CC pin and provides power on VBUS when attached to a
Sink (device). At power-up a DFP is a source.
UFP (Upstream Facing Port): Device, specifically associated with flow of data (device) in a USB link
Sink: Port that asserts Rd (pull-down) on CC pin and consumes power from VBUS when attached. At power-
up a UFP is a sink
DRP (Dual-Role Port): Host or Device
Valid Source-to-Sink connections:
Table 1 describes valid Source-to-Sink connections
Source to Source or Sink to Sink have no function
Table 1. Valid Source-to-Sink Connections
POWER ROLES
SOURCE ONLY
SINK ONLY
DUAL ROLE POWER (DRP)
Source Only
Not allowed
Allowed
Allowed
Sink Only
Allowed
Not allowed
Allowed
Dual Role Power
(DRP)
Allowed
Allowed
Allowed
7.1.2 Configuration Channel
The function of the configuration channel is to detect connections and configure the interface across the USB
Type-C cables and connectors.
Functionally the Configuration Channel (CC) is used to serve the following purposes:
Detect connect to the USB ports
Resolve cable orientation and twist connections to establish USB data bus routing
Establish Source and Sink roles between two connected ports
Discover and configure power: USB Type-C current modes or USB Power Delivery
Discovery and configure optional Alternate and Accessory modes


Similar Part No. - TPS25821DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Similar Description - TPS25821DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
logo
ON Semiconductor
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
   USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
logo
Texas Instruments
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_19 Datasheet
2Mb / 113P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com