Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS25820DSST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25820DSST
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25820DSST Datasheet(HTML) 1 Page - Texas Instruments

  TPS25820DSST Datasheet HTML 1Page - Texas Instruments TPS25820DSST Datasheet HTML 2Page - Texas Instruments TPS25820DSST Datasheet HTML 3Page - Texas Instruments TPS25820DSST Datasheet HTML 4Page - Texas Instruments TPS25820DSST Datasheet HTML 5Page - Texas Instruments TPS25820DSST Datasheet HTML 6Page - Texas Instruments TPS25820DSST Datasheet HTML 7Page - Texas Instruments TPS25820DSST Datasheet HTML 8Page - Texas Instruments TPS25820DSST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
100
3 x 100
Control Signals
Power Switch
Status Signals
Type- C DFP
Status Signals
VBUS
IN
EN
REF
GND
OUT
FAULT
CC1
CC2
SINK
POL
Thermal Pad
TPS25820/21
CHG
4.5 V
± 5.5V
Bus Power
Copyright © 2017, Texas Instruments Incorporated
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TPS25820, TPS25821
SLVSE24 – NOVEMBER 2017
TPS25820, TPS25821 USB Type-CTM 1.5-A Source Controller and Power Switch
1
1 Features
1
USB Type-CTM Rel. 1.3 Compliant Source
Controller
STD/1.5-A Current Capability Advertisement on
CC Lines
Connector Attach/Detach Detection
Super Speed Polarity Determination
VBUS and VCONN (TPS25820) Application and
Discharge with Internal Fixed Current Limit
1.0-µA (typ) Operating Current with Nothing
Attached to the Type-C Connector
64-m
Ω (typ) High-Side OUT MOSFET
Meets USB Current-Limiting Requirements
1.7-A OUT Current Limit with ±7% Accuracy
Fast Overcurrent Response – 1.5 μs (Typical)
CC1 and CC2 ±8-kV Contact and ±15-kV Air
Discharge ESD Rating (IEC-61000-4-2)
2 Applications
USB 2.0 or 3.x Type-C Host and Hub Ports
Notebook/Desktop PCs and Tablets
LCD Monitor/Docking Station and Charging
Cradles
Type-C USB Wall Chargers, Power Bank, and
CLAs
Set-Top Box and Audio/Video Systems
3 Description
The TPS25820/21 is a USB Type-C source controller
with an integrated 1.5 A-rated USB power switch. The
TPS25820/21 monitors the Type-C configuration
channel (CC) lines to determine when a USB sink is
attached. If a sink is attached, the TPS25820/21
applies
power
to
VBUS and communicates the
selectable VBUS current sourcing capability to the sink
via the pass through CC line. If the sink is attached
with an electronically marked cable, the TPS25820
also applies VCONN power to the cable VCONN pin. The
TPS25821 does not apply VCONN power and is for
functions where VCONN is not needed such as USB
2.0 and data-less charging implementations.
The TPS25820/21 draws 1.0 μA (typ) when nothing is
attached. The FAULT output signals when the switch
is in an overcurrent or overtemperature condition. The
SINK output signals when a sink is attached and the
POL output signals the polarity of the cable super-
speed lines.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS25820
WSON (12)
3.00 mm x 2.00 mm
TPS25821(2)
WSON (12)
3.00 mm x 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Product Preview
Device Comparison
PART NUMBER
VCONN
TPS25820
Yes
TPS25821
No
Simplified Schematic


Similar Part No. - TPS25820DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Similar Description - TPS25820DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
logo
ON Semiconductor
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
   USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
logo
Texas Instruments
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_19 Datasheet
2Mb / 113P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com