Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTPS22917DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # PTPS22917DBVT
Description  1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTPS22917DBVT Datasheet(HTML) 1 Page - Texas Instruments

  PTPS22917DBVT Datasheet HTML 1Page - Texas Instruments PTPS22917DBVT Datasheet HTML 2Page - Texas Instruments PTPS22917DBVT Datasheet HTML 3Page - Texas Instruments PTPS22917DBVT Datasheet HTML 4Page - Texas Instruments PTPS22917DBVT Datasheet HTML 5Page - Texas Instruments PTPS22917DBVT Datasheet HTML 6Page - Texas Instruments PTPS22917DBVT Datasheet HTML 7Page - Texas Instruments PTPS22917DBVT Datasheet HTML 8Page - Texas Instruments PTPS22917DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS22917
SLVSDW8 – SEPTEMBER 2017
TPS22917 1 V–5.5-V, 2-A, 80-mΩ Ultra-Low Leakage Load Switch
1
1 Features
1
Input Operating Voltage Range (VIN): 1 V to 5.5 V
Maximum Continuous Current (IMAX): 2A
On-Resistance (RON):
5 VIN = 80 mΩ (typ), 150 mΩ (105°C max)
1.8 VIN = 120 mΩ (typ), 200 mΩ (105°C max)
1 VIN = 220 mΩ (typ), 400 mΩ (105°C max)
Ultra-Low Power Consumption:
ON State (IQ): 0.5 µA (typ), 1.2 µA (max)
OFF State (ISD): 10 nA (typ), 200 nA (max)
Smart ON Pin Pull Down (RPD):
ON
≥ VIH (ION): 10 nA (max)
ON
≤ VIL (RPD): 750 kΩ (typ)
Adjustable Turn ON Limits Inrush Current (tON):
5-V tON = 115 μs at 57 mV/μs (CT = Open)
5-V tON = 1400 μs at 5 mV/μs (CT = 1000pF)
Adjustable Output Discharge and Fall Time:
Optional QOD Resistance
≥ 150Ω (Internal)
Always-ON True Reverse Current Blocking (RCB):
Activation Current (IRCB): –500 mA (typ)
Reverse Leakage (IIN,RCB): –1 µA (max)
2 Applications
Industrial Systems
Set Top Box
Blood Glucose Meters
Electronic Point of Sale
3 Description
The TPS22917 is a small, single channel load switch
utilizing a low leakage P-Channel MOSFET for
minimum power loss. Advanced gate control design
supports operating voltages as low as 1 V with
minimal increase in ON-Resistance and power loss.
The Rise and Fall times can be independently
adjusted with external components for system level
optimizations. The timing capacitor (CT) and turn on
time can be adjusted to manage inrush current
without adding unneccesary system delays. The
output discharge resistance (QOD) can be used to
adjust the output fall time. Connect the QOD pin
directly to the output for a fasest fall time or leave it
open for the slowest fall time.
The switch ON state is controlled by a digital input
that is capable of interfacing directly with low-voltage
control signals. When power is first applied, a Smart
Pull Down is used to keep the ON pin from floating
until system sequencing is complete. Once the ON
pin is deliberately driven high (
≥VIH), the Smart Pull
Down is disconnected to prevent unnecessary power
loss.
The TPS22917 is available in a small, leaded SOT-23
package (DBV) which allows visual inspection of
solder
joints.
The
device
is
characterized
for
operation over a temperature range of –40°C to
+105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22917
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - PTPS22917DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTPS22916BYFPT TI1-PTPS22916BYFPT Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
PTPS22916CLYFPT TI1-PTPS22916CLYFPT Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
PTPS22916CNYFPT TI1-PTPS22916CNYFPT Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
PTPS22916CYFPT TI1-PTPS22916CYFPT Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
PTPS22919DCKR TI1-PTPS22919DCKR Datasheet
798Kb / 17P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch with Controlled Rise Time
More results

Similar Description - PTPS22917DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
[Old version datasheet]   Ultra-Low Leakage Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com