Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2001DDGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2001DDGKR
Description  Current Limited, Power-Distribution Switches
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2001DDGKR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2001DDGKR Datasheet HTML 1Page - Texas Instruments TPS2001DDGKR Datasheet HTML 2Page - Texas Instruments TPS2001DDGKR Datasheet HTML 3Page - Texas Instruments TPS2001DDGKR Datasheet HTML 4Page - Texas Instruments TPS2001DDGKR Datasheet HTML 5Page - Texas Instruments TPS2001DDGKR Datasheet HTML 6Page - Texas Instruments TPS2001DDGKR Datasheet HTML 7Page - Texas Instruments TPS2001DDGKR Datasheet HTML 8Page - Texas Instruments TPS2001DDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
TPS2001D
SLVSE25A – JULY 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TPS2001D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: TJ = TA = 25°C................. 5
7.6
Electrical Characteristics: –40°C
≤ TJ ≤ 125°C......... 6
7.7
Timing Requirements: TJ = TA = 25°C...................... 6
7.8
Typical Characteristics .............................................. 8
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 12
9
Application and Implementation ........................ 13
9.1
Application Information............................................ 13
9.2
Typical Application ................................................. 13
10
Power Supply Recommendations ..................... 15
11
Layout................................................................... 15
11.1
Layout Guidelines ................................................. 15
11.2
Layout Example .................................................... 15
11.3
Power Dissipation and Junction Temperature ...... 16
12
Device and Documentation Support ................. 17
12.1
Receiving Notification of Documentation Updates 17
12.2
Community Resources.......................................... 17
12.3
Trademarks ........................................................... 17
12.4
Electrostatic Discharge Caution ............................ 17
12.5
Glossary ................................................................ 17
13
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
Changes from Original (July 2017) to Revision A
Page
Added EN VIH MIN 1.8 V to the Recommended Operating Conditions for DBV package ..................................................... 4
Changed RDS(on) TYP from 72 to 66 and added MAX 77 for DBV package........................................................................... 5
Added RDS(on) MAX 77 for DBV package for 2-A rated output, –40°C ≤ (TJ , TA) ≤ 85°C condition....................................... 5
Changed RDS(on) TYP from 72 to 66 for DBV package for 2-A rated output, and added MAX 106 ...................................... 6
Added EN Threshold, input rising MAX 1.8 V for DBV package ........................................................................................... 6


Similar Part No. - TPS2001DDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2001DDGKR TI1-TPS2001DDGKR Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2001DDGKR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com