Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70731DQNT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70731DQNT
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70731DQNT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV70731DQNT Datasheet HTML 5Page - Texas Instruments TLV70731DQNT Datasheet HTML 6Page - Texas Instruments TLV70731DQNT Datasheet HTML 7Page - Texas Instruments TLV70731DQNT Datasheet HTML 8Page - Texas Instruments TLV70731DQNT Datasheet HTML 9Page - Texas Instruments TLV70731DQNT Datasheet HTML 10Page - Texas Instruments TLV70731DQNT Datasheet HTML 11Page - Texas Instruments TLV70731DQNT Datasheet HTML 12Page - Texas Instruments TLV70731DQNT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
2
5.5
Input Voltage (V)
35
30
25
20
15
10
5
0
85 C
°
25 C
°
-
°
40 C
2.5
3
3.5
4
4.5
5
3.1
5.5
Input Voltage (V)
3.7
4.3
4.9
35
30
25
20
15
10
5
0
85 C
°
25 C
°
-
°
40 C
0
200
Output Current (mA)
350
300
250
200
150
100
50
0
20
40
60
80
100
120
140
160
180
85 C
°
25 C
°
-
°
40 C
0
200
Output Current (mA)
350
300
250
200
150
100
50
0
20
40
60
80
100
120
140
160
180
85 C
°
25 C
°
-
°
40 C
2
5
Input Voltage (V)
400
350
300
250
200
150
100
50
0
85 C
°
25 C
°
-
°
40 C
2.5
3
3.5
4
4.5
2
5
Input Voltage (V)
600
500
400
300
200
100
0
85 C
°
25 C
°
-
°
40 C
2.5
3
3.5
4
4.5
9
TLV707, TLV707P
www.ti.com
SBVS153E – FEBRUARY 2011 – REVISED FEBRUARY 2016
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = –40°C to 85°C, VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 10 mA, VEN = VIN, and COUT = 1 μF,
unless otherwise noted. Typical values are at TJ = 25°C.
IOUT = 150 mA
Figure 13. Dropout Voltage vs Input Voltage
IOUT = 200 mA
Figure 14. Dropout Voltage vs Input Voltage
VOUT = 2.8 V
Figure 15. Dropout Voltage vs Output Current
VOUT = 5.0 V
Figure 16. Dropout Voltage vs Output Current
VOUT = 1.2 V, IOUT = 0 mA
Figure 17. Ground Pin Current vs Input Voltage
VOUT = 2.8 V, IOUT = 0 mA
Figure 18. Ground Pin Current vs Input Voltage


Similar Part No. - TLV70731DQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70731DQNT TI-TLV70731DQNT Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70731DQNT TI1-TLV70731DQNT Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70731DQNT TI1-TLV70731DQNT Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70731DQNT TI-TLV70731DQNT Datasheet
1Mb / 44P
[Old version datasheet]   TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
REVISED JUNE 2023
TLV70731DQNT TI1-TLV70731DQNT Datasheet
1Mb / 44P
[Old version datasheet]   TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
JUNE 2023
More results

Similar Description - TLV70731DQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com