Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE300A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1.5KE300A
Description  1500 WattsTransient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1.5KE300A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1.5KE300A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE300A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE300A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE300A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown Voltage
Stand-Off
Maximum
Maximum
Maximum
Maximum
JEDEC
GENERAL
Nominal
VBR
Test Current
Voltage
Reverse Leakage
Peak Surge
Clamping
Temperature
TYPE
PART
Voltage
(Volts) (Note 1)
@IT(mA)
VWM
at Vwm
Current IPPM
Voltage at IPPM
Coefficient
NUMBER
NUMBER
(Volts)
Min
Max
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
1N6267
1.5KE6.8
6.8
6.12
7.48
10
5.50
1000
145
10.8
0.057
1N6267A 1.5KE6.8A
6.8
6.45
7.14
10
5.80
1000
150
10.5
0.057
1N6268
1.5KE7.5
7.5
6.75
8.25
10
6.05
500
134
11.7
0.061
1N6268A 1.5KE7.5A
7.5
7.13
7.88
10
6.40
500
139
11.3
0.061
1N6269
1.5KE8.2
8.2
7.38
9.02
10
6.63
200
126
12.5
0.065
1N6269A 1.5KE8.2A
8.2
7.79
8.61
10
7.02
200
130
12.1
0.065
1N6270
1.5KE9.1
9.1
8.19
10.0
1.0
7.37
50
114
13.8
0.068
1N6270A 1.5KE9.1A
9.1
8.65
9.55
1.0
7.78
50
117
13.4
0.068
1N6271
1.5KE10
10
9.00
11.0
1.0
8.10
10
105
15.0
0.073
1N6271A 1.5KE10A
10
9.50
10.5
1.0
8.55
10
108
14.5
0.073
1N6272
1.5KE11
11
9.90
12.1
1.0
8.92
5.0
97
16.2
0.075
1N6272A 1.5KE11A
11
10.5
11.6
1.0
9.40
5.0
100
15.6
0.075
1N6273
1.5KE12
12
10.8
13.2
1.0
9.72
5.0
91
17.3
0.078
1N6273A 1.5KE12A
12
11.4
12.6
1.0
10.2
5.0
94
16.7
0.078
1N6274
1.5KE13
13
11.7
14.3
1.0
10.5
5.0
82
19.0
0.081
1N6274A 1.5KE13A
13
12.4
13.7
1.0
11.1
5.0
86
18.2
0.081
1N6275
1.5KE15
15
13.5
16.5
1.0
12.1
5.0
71
22.0
0.084
1N6275A 1.5KE15A
15
14.3
15.8
1.0
12.8
5.0
74
21.2
0.084
1N6276
1.5KE16
16
14.4
17.6
1.0
12.9
5.0
67
23.5
0.086
1N6276A 1.5KE16A
16
15.2
16.8
1.0
13.6
5.0
70
22.5
0.086
1N6277
1.5KE18
18
16.2
19.8
1.0
14.5
5.0
59
26.5
0.088
1N6277A 1.5KE18A
18
17.1
18.9
1.0
15.3
5.0
60
25.2
0.088
1N6278
1.5KE20
20
18.0
22.0
1.0
16.2
5.0
54
29.1
0.090
1N6278A 1.5KE20A
20
19.0
21.0
1.0
17.1
5.0
56
27.7
0.090
1N6279
1.5KE22
22
19.8
24.2
1.0
17.8
5.0
49
31.9
0.092
1N6279A 1.5KE22A
22
20.9
23.1
1.0
18.8
5.0
51
30.6
0.092
1N6280
1.5KE24
24
21.6
26.4
1.0
19.4
5.0
45
34.7
0.094
1N6280A 1.5KE24A
24
22.8
25.2
1.0
20.5
5.0
47
33.2
0.094
1N6281
1.5KE27
27
24.3
29.7
1.0
21.8
5.0
40
39.1
0.096
1N6281A 1.5KE27A
27
25.7
28.4
1.0
23.1
5.0
42
37.5
0.096
1N6282
1.5KE30
30
27.0
33.0
1.0
24.3
5.0
36
43.5
0.097
1N6282A 1.5KE30A
30
28.5
31.5
1.0
25.6
5.0
38
41.4
0.097
1N6283
1.5KE33
33
29.7
36.3
1.0
26.8
5.0
33
47.7
0.098
1N6283A 1.5KE33A
33
31.4
34.7
1.0
28.2
5.0
34
45.7
0.098
1N6284
1.5KE36
36
32.4
39.6
1.0
29.1
5.0
30
52.0
0.099
1N6284A 1.5KE36A
36
34.2
37.8
1.0
30.8
5.0
31
49.9
0.099
1N6285
1.5KE39
39
35.1
42.9
1.0
31.6
5.0
27
56.4
0.100
1N6285A 1.5KE39A
39
37.1
41.0
1.0
33.3
5.0
29
53.9
0.100
1N6286
1.5KE43
43
38.7
47.3
1.0
34.8
5.0
25
61.9
0.101
1N6286A 1.5KE43A
43
40.9
45.2
1.0
36.8
5.0
26
59.3
0.101
1N6287
1.5KE47
47
42.3
51.7
1.0
38.1
5.0
23
67.8
0.101
1N6287A 1.5KE47A
47
44.7
49.4
1.0
40.2
5.0
24
64.8
0.101
1N6288
1.5KE51
51
45.9
56.1
1.0
41.3
5.0
21
73.5
0.102
1N6288A 1.5KE51A
51
48.5
53.6
1.0
43.6
5.0
22
70.1
0.102
1N6289
1.5KE56
56
50.4
61.8
1.0
45.4
5.0
19
80.5
0.103
1N6289A 1.5KE56A
56
53.2
58.8
1.0
47.8
5.0
20
77.0
0.103
1N6290
1.5KE62
62
55.8
68.2
1.0
50.2
5.0
17
89.0
0.104
1N6290A 1.5KE62A
62
58.9
65.1
1.0
53.0
5.0
18
85.0
0.104
1N6291
1.5KE68
68
61.2
74.8
1.0
55.1
5.0
16
98.0
0.104
1N6291A 1.5KE68A
68
64.6
71.4
1.0
58.1
5.0
17
92.0
0.104
1N6292
1.5KE75
75
67.5
82.5
1.0
60.7
5.0
14
108.0
0.105
1N6292A 1.5KE75A
75
71.3
78.8
1.0
64.1
5.0
15
103.0
0.105
1N6293
1.5KE82
82
73.8
90.2
1.0
66.4
5.0
13
118.0
0.105
1N6293A 1.5KE82A
82
77.9
86.1
1.0
70.1
5.0
13.9
113.0
0.105
1.5KE SERIES
1500 WattsTransient Voltage Suppressor Diodes
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - 1.5KE300A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE300A TRSYS-1.5KE300A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE300A LUGUANG-1.5KE300A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
UNIOHM CORPORATION
1.5KE300A UNIOHM-1.5KE300A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5KE300A VISHAY-1.5KE300A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Microsemi Corporation
1.5KE300A MICROSEMI-1.5KE300A Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1.5KE300A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE6.8 TSC-1.5KE6.8_1 Datasheet
376Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
1.5KE600A LUGUANG-1.5KE600A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550 LUGUANG-1.5KE550 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE600 LUGUANG-1.5KE600 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE6.8 LUGUANG-1.5KE6.8 Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550A LUGUANG-1.5KE550A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE LUGUANG-1.5KE Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_10 Datasheet
677Kb / 4P
   1500 WattsTransient Voltage Suppressor
logo
Microsemi Corporation
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5SMC6V8 ETC1-1.5SMC6V8 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com