Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTLV75730PDBVR Datasheet(PDF) 3 Page - Texas Instruments

Part # PTLV75730PDBVR
Description  1-A, Low IQ, Small Size, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTLV75730PDBVR Datasheet(HTML) 3 Page - Texas Instruments

  PTLV75730PDBVR Datasheet HTML 1Page - Texas Instruments PTLV75730PDBVR Datasheet HTML 2Page - Texas Instruments PTLV75730PDBVR Datasheet HTML 3Page - Texas Instruments PTLV75730PDBVR Datasheet HTML 4Page - Texas Instruments PTLV75730PDBVR Datasheet HTML 5Page - Texas Instruments PTLV75730PDBVR Datasheet HTML 6Page - Texas Instruments PTLV75730PDBVR Datasheet HTML 7Page - Texas Instruments PTLV75730PDBVR Datasheet HTML 8Page - Texas Instruments PTLV75730PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
IN
2
GND
3
EN
4
NC
5
OUT
Not to scale
1
OUT
6
IN
2
NC
5
NC
3
GND
4
EN
Not to scale
Thermal
Pad
3
TLV757P
www.ti.com
SBVS322 – OCTOBER 2017
Product Folder Links: TLV757P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
NC- no internal connection
DRV Package
6-Pin SON With Exposed Thermal Pad
Top View
(1)
The nominal input and output capacitance must be greater than 0.47 µF; throughout this document the nominal derating on these
capacitors is 50%. Take care to ensure that the effective capacitance at the pin is greater than 0.47 µF.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV
DRV
EN
3
4
I
Enable pin. Drive EN greater than VHI to turn on the regulator. Drive EN less
than VLO to place the LDO into shutdown mode.
GND
2
3
Ground pin.
IN
1
6
I
Input pin. A capacitor with a value of 1 µF or larger is required from this pin to
ground(1). See the Input and Output Capacitor Selection section for more
information.
NC
4
2, 5
No internal connection.
OUT
5
1
O
Regulated output voltage pin. A capacitor with a value of 1 µF or larger is
required from this pin to ground(1). See the Input and Output Capacitor
Selection section for more information.
Thermal
pad
Pad
Connect the thermal pad to a large-area ground plane. The thermal pad is
internally connected to GND
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum rating is VIN + 0.3 V or 6 V, whichever is smaller
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply, VIN
–0.3
6
V
Enable, VEN
–0.3
6
Output, VOUT
–0.3
VIN + 0.3
(2)
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
150


Similar Part No. - PTLV75730PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTLV75730PDBVR TI1-PTLV75730PDBVR Datasheet
2Mb / 34P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
More results

Similar Description - PTLV75730PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV757P TI1-TLV757P_18 Datasheet
2Mb / 34P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
TLV757P_018 TI1-TLV757P_018 Datasheet
2Mb / 38P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TPS7A05 TI1-TPS7A05_19 Datasheet
4Mb / 52P
[Old version datasheet]   1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com