Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE150 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1.5KE150
Description  1500 WattsTransient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1.5KE150 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1.5KE150 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE150 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE150 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE150 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown Voltage
Stand-Off
Maximum
Maximum
Maximum
Maximum
JEDEC
GENERAL
Nominal
VBR
Test Current
Voltage
Reverse Leakage
Peak Surge
Clamping
Temperature
TYPE
PART
Voltage
(Volts) (Note 1)
@IT(mA)
VWM
at Vwm
Current IPPM
Voltage at IPPM
Coefficient
NUMBER
NUMBER
(Volts)
Min
Max
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
1N6294
1.5KE91
91
81.9
100.0
1.0
73.7
5.0
12
131.0
0.106
1N6294A 1.5KE91A
91
86.5
95.50
1.0
77.8
5.0
12.6
125.0
0.106
1N6295
1.5KE100
100
90.0
110.0
1.0
81.0
5.0
10.9
144.0
0.106
1N6295A 1.5KE100A
100
95.0
105.0
1.0
85.5
5.0
11.4
137.0
0.106
1N6296
1.5KE110
110
99.0
121.0
1.0
89.2
5.0
9.9
158.0
0.107
1N6296A 1.5KE110A
110
105.0
116.0
1.0
94.0
5.0
10.3
152.0
0.107
1N6297
1.5KE120
120
108.0
132.0
1.0
97.2
5.0
9.1
173.0
0.107
1N6297A 1.5KE120A
120
114.0
126.0
1.0
102.0
5.0
9.5
165.0
0.107
1N6298
1.5KE130
130
117.0
143.0
1.0
106.0
5.0
8.4
187.0
0.107
1N6298A 1.5KE130A
130
124.0
137.0
1.0
111.0
5.0
8.7
179.0
0.107
1N6299
1.5KE150
150
135.0
165.0
1.0
121.0
5.0
7.3
215.0
0.108
1N6299A 1.5KE150A
150
143.0
158.0
1.0
128.0
5.0
7.6
207.0
0.108
1N6300
1.5KE160
160
144.0
176.0
1.0
130.0
5.0
6.8
230.0
0.108
1N6300A 1.5KE160A
160
152.0
168.0
1.0
136.0
5.0
7.1
219.0
0.108
1N6301
1.5KE170
170
153.0
187.0
1.0
138.0
5.0
6.4
244.0
0.108
1N6301A 1.5KE170A
170
162.0
179.0
1.0
145.0
5.0
6.7
234.0
0.108
1N6302
1.5KE180
180
162.0
198.0
1.0
146.0
5.0
6.1
258.0
0.108
1N6302A 1.5KE180A
180
171.0
189.0
1.0
154.0
5.0
6.4
246.0
0.108
1N6303
1.5KE200
200
180.0
220.0
1.0
162.0
5.0
5.4
287.0
0.108
1N6303A 1.5KE200A
200
190.0
210.0
1.0
171.0
5.0
5.7
274.0
0.108
1.5KE220
220
198.0
242.0
1.0
175.0
5.0
4.5
344.0
0.108
1.5KE220A
220
209.0
231.0
1.0
185.0
5.0
4.8
328.0
0.108
1.5KE250
250
225.0
275.0
1.0
202.0
5.0
4.3
360.0
0.110
1.5KE250A
250
237.0
263.0
1.0
214.0
5.0
4.5
344.0
0.110
1.5KE300
300
270.0
330.0
1.0
243.0
5.0
3.6
430.0
0.110
1.5KE300A
300
285.0
315.0
1.0
256.0
5.0
3.8
414.0
0.110
1.5KE350
350
315.0
385.0
1.0
284.0
5.0
3.1
504.0
0.110
1.5KE350A
350
333.0
368.0
1.0
300.0
5.0
3.2
482.0
0.110
1.5KE400
400
360.0
440.0
1.0
324.0
5.0
2.7
574.0
0.110
1.5KE400A
400
380.0
420.0
1.0
342.0
5.0
2.8
548.0
0.110
1.5KE440
440
396.0
484.0
1.0
356.0
5.0
2.4
631.0
0.110
1.5KE440A
440
418.0
462.0
1.0
376.0
5.0
2.5
602.0
0.110
Notes:
1. VBR measured after IT applied for 300us, IT =square wave pulse or equivalent.
2. Surge current waveform per Figure 3 and derate per Figure 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.
1.5KE SERIES
1500 WattsTransient Voltage Suppressor Diodes
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - 1.5KE150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE150 PANJIT-1.5KE150 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE150 TRSYS-1.5KE150 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE150 DAESAN-1.5KE150 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE150 SOCAY-1.5KE150 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Won-Top Electronics
1.5KE150 WTE-1.5KE150 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE6.8 TSC-1.5KE6.8_1 Datasheet
376Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
1.5KE600A LUGUANG-1.5KE600A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550 LUGUANG-1.5KE550 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE600 LUGUANG-1.5KE600 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE6.8 LUGUANG-1.5KE6.8 Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550A LUGUANG-1.5KE550A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE LUGUANG-1.5KE Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_10 Datasheet
677Kb / 4P
   1500 WattsTransient Voltage Suppressor
logo
Microsemi Corporation
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5SMC6V8 ETC1-1.5SMC6V8 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com