Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTLV75712PDRVR Datasheet(PDF) 11 Page - Texas Instruments

Part # PTLV75712PDRVR
Description  1-A, Low IQ, Small Size, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTLV75712PDRVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTLV75712PDRVR Datasheet HTML 7Page - Texas Instruments PTLV75712PDRVR Datasheet HTML 8Page - Texas Instruments PTLV75712PDRVR Datasheet HTML 9Page - Texas Instruments PTLV75712PDRVR Datasheet HTML 10Page - Texas Instruments PTLV75712PDRVR Datasheet HTML 11Page - Texas Instruments PTLV75712PDRVR Datasheet HTML 12Page - Texas Instruments PTLV75712PDRVR Datasheet HTML 13Page - Texas Instruments PTLV75712PDRVR Datasheet HTML 14Page - Texas Instruments PTLV75712PDRVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Device
IN
OUT
GND
COUT
CIN
Schottky Diode
Internal Body Diode
Input Voltage
Output Voltage
Output Voltage in
normal regulation.
Dropout
VOUT = VIN - VDO
VIN = VOUT(nom) + VDO
Response time for
LDO to get back into
regulation.
Load current discharges
output voltage.
Time
11
TLV757P
www.ti.com
SBVS322 – OCTOBER 2017
Product Folder Links: TLV757P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Application Information (continued)
Figure 8. Startup into Dropout
8.1.4 Reverse Current
As with most LDOs, excessive reverse current can damage this device.
Reverse current flows through the body diode on the pass element instead of the normal conducting channel. At
high magnitudes, this current flow degrades the long-term reliability of the device, as a result of one of the
following conditions:
Degradation caused by electromigration
Excessive heat dissipation
Potential for a latch-up condition
Conditions where reverse current can occur are outlined in this section, all of which can exceed the absolute
maximum rating of VOUT > VIN + 0.3 V:
If the device has a large COUT and the input supply collapses with little or no load current
The output is biased when the input supply is not established
The output is biased above the input supply
If reverse current flow is expected in the application, external protection must be used to protect the device.
Figure 9 shows one approach of protecting the device.
Figure 9. Example Circuit for Reverse Current Protection Using a Schottky Diode


Similar Part No. - PTLV75712PDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTLV75712PDRVR TI1-PTLV75712PDRVR Datasheet
2Mb / 34P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
More results

Similar Description - PTLV75712PDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV757P TI1-TLV757P_18 Datasheet
2Mb / 34P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
TLV757P_018 TI1-TLV757P_018 Datasheet
2Mb / 38P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TPS7A05 TI1-TPS7A05_19 Datasheet
4Mb / 52P
[Old version datasheet]   1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com