Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4464DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4464DY
Description  N-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4464DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4464DY Datasheet HTML 1Page - Vishay Siliconix SI4464DY Datasheet HTML 2Page - Vishay Siliconix SI4464DY Datasheet HTML 3Page - Vishay Siliconix SI4464DY Datasheet HTML 4Page - Vishay Siliconix SI4464DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si4464DY
Vishay Siliconix
New Product
Document Number: 72051
S-22099—Rev. A, 02-Dec-02
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
0
200
400
600
800
0
2040
6080
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
0
2
4
6
8
10
03
69
12
0.0
0.1
0.2
0.3
0.4
02
46
8
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 100 V
ID = 2.2 A
ID - Drain Current (A)
VGS = 10 V
ID = 2.2 A
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
0.0
0.1
0.2
0.3
0.4
0.5
02468
10
ID = 2.2 A
On-Resistance vs. Gate-to-Source Voltage
VGS - Gate-to-Source Voltage (V)
VGS = 6 V
VGS = 10 V
TJ = 150_C
TJ = 25_C
10
0.1
Source-Drain Diode Forward Voltage
VSD - Source-to-Drain Voltage (V)
1


Similar Part No. - SI4464DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4464DY VISHAY-SI4464DY Datasheet
191Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI4464DY VISHAY-SI4464DY Datasheet
167Kb / 8P
   N-Channel 200-V (D-S) MOSFET
Rev. C, 27-Apr-09
SI4464DY VISHAY-SI4464DY Datasheet
165Kb / 8P
   N-Channel 200-V (D-S) MOSFET
01-Jan-2022
SI4464DY VISHAY-SI4464DY_05 Datasheet
191Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI4464DY VISHAY-SI4464DY_17 Datasheet
167Kb / 8P
   N-Channel 200-V (D-S) MOSFET
Rev. C, 27-Apr-09
More results

Similar Description - SI4464DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com