Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG6L-3021-25-1060 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG6L-3021-25-1060
Description  miniature pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG6L-3021-25-1060 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG6L-3021-25-1060 Datasheet HTML 1Page - Willow Technologies Ltd DG6L-3021-25-1060 Datasheet HTML 2Page - Willow Technologies Ltd DG6L-3021-25-1060 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
G
6
L
-
-
5
-
Contact material
see Table 1
20
-
AgNi 90/10
30
-
AgSnO
2
Contact arrangement
11
-
SPDT (1C/O) (3.2mm pitch)
21
-
SPST-NO (1N/O) (5mm pitch)
Cover protection category
2
-
in cover, IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG6L
miniature pcb power relay
Coil Data (at 20°C)
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
Max. Allowable
Voltage (VDC)
1005
5
113
220
3.75
0.50
11.8
1006
6
164
220
4.5
0.60
14.1
1012
12
620
220
9.00
1.20
28.2
1018
18
1295
220
13.5
1.80
42.3
1024
24
2350
220
18.00
2.40
56.4
1048
48
9600
250
36.00
4.80
112.8
1060
60
12500
250
45.00
6.00
141.0
Ref: DG6L 120312JHM


Similar Part No. - DG6L-3021-25-1060

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG6L AEC-DG6L Datasheet
230Kb / 3P
   High sensitivity 220mW coils
More results

Similar Description - DG6L-3021-25-1060

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com