Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4308DY Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI4308DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4308DY Datasheet(HTML) 8 Page - Vishay Siliconix

  SI4308DY Datasheet HTML 1Page - Vishay Siliconix SI4308DY Datasheet HTML 2Page - Vishay Siliconix SI4308DY Datasheet HTML 3Page - Vishay Siliconix SI4308DY Datasheet HTML 4Page - Vishay Siliconix SI4308DY Datasheet HTML 5Page - Vishay Siliconix SI4308DY Datasheet HTML 6Page - Vishay Siliconix SI4308DY Datasheet HTML 7Page - Vishay Siliconix SI4308DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Si4308DY
Vishay Siliconix
New Product
www.vishay.com
8
Document Number: 71941
S-21646—Rev. B, 23-Sep-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
SCHOTTKY
Capacitance
0
100
200
300
400
500
0
6
12
18
24
30
VKA - Reverse Voltage (V
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-3
10-2
1
10
600
10-1
10-4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 100_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SI4308DY

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4300 SILABS-SI4300 Datasheet
120Kb / 2P
   Dual-Band Monolithic Power Amplifier System
logo
Vishay Siliconix
SI4300DY VISHAY-SI4300DY Datasheet
45Kb / 5P
   N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
Rev. B, 26-May-03
logo
VBsemi Electronics Co.,...
SI4300DY-T1-E3 VBSEMI-SI4300DY-T1-E3 Datasheet
963Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4300DY-TI VISHAY-SI4300DY-TI Datasheet
45Kb / 5P
   N-Channel 30-V (D-S), Reduced Qg Fast Switching MOSFET with Schottky Diode
Rev. B, 26-May-03
logo
Silicon Laboratories
SI4300T SILABS-SI4300T Datasheet
123Kb / 2P
   Tri-Band Monolithic Power Amplifier System
More results

Similar Description - SI4308DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com