Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC12DSM Datasheet(PDF) 7 Page - Teccor Electronics

Part # AC12DSM
Description  Thyristor Product Catalog
Download  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12DSM Datasheet(HTML) 7 Page - Teccor Electronics

Back Button AC12DSM Datasheet HTML 3Page - Teccor Electronics AC12DSM Datasheet HTML 4Page - Teccor Electronics AC12DSM Datasheet HTML 5Page - Teccor Electronics AC12DSM Datasheet HTML 6Page - Teccor Electronics AC12DSM Datasheet HTML 7Page - Teccor Electronics AC12DSM Datasheet HTML 8Page - Teccor Electronics AC12DSM Datasheet HTML 9Page - Teccor Electronics AC12DSM Datasheet HTML 10Page - Teccor Electronics AC12DSM Datasheet HTML 11Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 223 page
background image
©2002 Teccor Electronics
P - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Circuit Requirement Diagram
BILATERAL VOLTAGE
SWITCH
RECTIFIER
REVERSE BLOCKING
THYRISTOR
BIDIRECTIONAL
THYRISTOR
BILATERAL
VOLTAGE TRIGGER
SIDAC *
RECTIFIER *
DIAC *
GATE CONTROL
DIAC TRIGGER
DIRECT
GATE CURRENT
12-500
µA
10-50 mA
SCR *
SCR (Sensitive) *
QUADRANT OPERATION
(See Quadrant Chart on Data Sheet)
I
I I
I I I
I
I I
I I I
I V
GATE CURRENT
10-100 mA
GATE CURRENT
3-20 mA
SENSITIVE TRIAC *
TRIAC *
OPTIONS
INTERNAL EXTERNAL
DIACS *
QUADRAC *
ALTERNISTOR TRIAC *
* For detailed information, see specific data sheet in product catalog.


Similar Part No. - AC12DSM

ManufacturerPart #DatasheetDescription
logo
NEC
AC12DSMA NEC-AC12DSMA Datasheet
222Kb / 6P
   12A RESIN INSULATION TYPE TRIAC
logo
Kersemi Electronic Co.,...
AC12DSMA KERSEMI-AC12DSMA Datasheet
1Mb / 5P
   Insulation type TRIAC fully covered with resin on the entire case other than electrode leads
logo
Renesas Technology Corp
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
   12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results

Similar Description - AC12DSM

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P030-QNG48 MICROSEMI-A3P030-QNG48 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com