Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T530X337M010AHE004 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T530X337M010AHE004
Description  Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 4mOhms, Height Max = 4.3mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T530X337M010AHE004 Datasheet(HTML) 1 Page - Kemet Corporation

  T530X337M010AHE004 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/20/2017 - cbb31363-5d97-44f1-ab0b-2e14ae46ecf5
KEMET Part Number: T530X337M010AHE004
Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 4
mOhms, Height Max = 4.3mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
4mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
P
1.7mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 410.89 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T530
Description: SMD, Polymer, Molded, Multiple
Anodes, Low ESR
Features: Low ESR
RoHS: No
Termination: Solder Coated
Specifications
Capacitance: 330 uF
Capacitance Tolerance: 20%
Voltage DC: 10 VDC (105C), 6.7 VDC (125C)
Temperature Range: -55/+125C
Dissipation Factor: 8% 120Hz 25C
Failure Rate: N/A
Resistance: 4 mOhms (100kHz 25C)
Current:
8200 mAmps (100kHz 45C),
5740 mAmps (85C), 2050
mAmps (125C)
Leakage Current: 330 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T530X337M010AHE004

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530X337M010AHE010 KEMET-T530X337M010AHE010 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 10mOhms, Height Max = 4.3mm
More results

Similar Description - T530X337M010AHE004

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530X337M010ATE004 KEMET-T530X337M010ATE004 Datasheet
77Kb / 1P
   T530, Tantalum, Polymer Tantalum, Multi-Anode, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 4mOhms, Height Max = 4.3mm
T530X337M010AHE010 KEMET-T530X337M010AHE010 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 10mOhms, Height Max = 4.3mm
T530X108M2R5ATE004 KEMET-T530X108M2R5ATE004 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 1000 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 4mOhms, Height Max = 4.3mm
T530X337M010ATE010 KEMET-T530X337M010ATE010 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 10mOhms, Height Max = 4.3mm
T530X108M004ATE006 KEMET-T530X108M004ATE006 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 1000 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, Height Max = 4.3mm
T530X157M016ATE025 KEMET-T530X157M016ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T530X687M004ATE006 KEMET-T530X687M004ATE006 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 680 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, Height Max = 4.3mm
T530X687M006ATE018 KEMET-T530X687M006ATE018_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 680 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 18mOhms, Height Max = 4.3mm
T530X477M006ATE010 KEMET-T530X477M006ATE010 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 10mOhms, Height Max = 4.3mm
T530D337M004ATE005 KEMET-T530D337M004ATE005 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, Height Max = 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com