Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C63-10 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # C63-10
Description  1.0A, 60 Vdc Optically Isolated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

C63-10 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  C63-10 Datasheet HTML 1Page - Willow Technologies Ltd C63-10 Datasheet HTML 2Page - Willow Technologies Ltd C63-10 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2004 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
C63 Page 3
2DSC63-10 Rev --
TYPICAL OVERLOAD TRIP CURRENT VS. TIME
Figure 7
C63-10 Series
CONTROL CURRENT VS. INPUT VOLTAGE
Figure 4
Figure 6
LOAD CURRENT VS. AMBIENT TEMPERATURE
TYPICAL TURN-ON TIME VS. INPUT CURRENT
Figure 5
NOTES:
1. The C63-10 relay’s input current should be limited to
between 8 and 20mA. An external resistor whose value
=(V
IN – 2.5 volts) ÷ 0.012 Amps is a good choice for
limiting input current.
2. Relay input transitions should be less than 1.0
millisecond.
3. Loads may be attached to either the positive or negative
output terminal.
4. Maximum load current ratings are with the relay in free
air and soldered to a printed circuit board.
5. Timing is measured from the input current transition to
the 10% or 90% points on the output voltage transition.
6. Overload conditions (including shorted loads) are
specified for load supply voltages to 60 Vdc maximum.
7. For through-hole-PCB-solder-attaching C63-10 series
relays, the wave-solder or solder pot operations are
limited to +260°C maximum for 10 seconds, maximum.
8. For surface-mount-solder-attaching SC63-10 series
relays, in IR heating or convection heating systems, the
component temperature is limited to +235°C maximum
for 10 seconds maximum.


Similar Part No. - C63-10

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
C63-10 WILLOW-C63-10 Datasheet
179Kb / 3P
   Low off-state leakage
More results

Similar Description - C63-10

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
   1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
SR75-3 TELEDYNE-SR75-3 Datasheet
193Kb / 3P
   0.5A, 400 Vdc Optically Isolated
logo
Willow Technologies Ltd
C75 WILLOW-C75 Datasheet
613Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com