Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGW30N60 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SGW30N60
Description  Fast IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGW30N60 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SGW30N60 Datasheet HTML 1Page - Infineon Technologies AG SGW30N60 Datasheet HTML 2Page - Infineon Technologies AG SGW30N60 Datasheet HTML 3Page - Infineon Technologies AG SGW30N60 Datasheet HTML 4Page - Infineon Technologies AG SGW30N60 Datasheet HTML 5Page - Infineon Technologies AG SGW30N60 Datasheet HTML 6Page - Infineon Technologies AG SGW30N60 Datasheet HTML 7Page - Infineon Technologies AG SGW30N60 Datasheet HTML 8Page - Infineon Technologies AG SGW30N60 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SGP30N60,
SGB30N60
SGW30N60
3Jul-02
Switching Characteristic, Inductive Load, at Tj=25
°C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
t d( o n)
-44
53
Rise time
t r
-34
40
Turn-off delay time
t d( of f)
-
291
349
Fall time
t f
-58
70
ns
Turn-on energy
Eon
-
0.64
0.77
Turn-off energy
Eoff
-
0.65
0.85
Total switching energy
Ets
T j =2 5
°C,
VCC =400V, IC =30A,
VGE =0/15V,
R G =11
Ω,
L σ
1)
=1 80n H,
C σ
1) =900pF
Energy losses include
“tail” and diode
reverse recovery.
-
1.29
1.62
mJ
Switching Characteristic, Inductive Load, at Tj=150
°C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
t d( o n)
-44
53
Rise time
t r
-34
40
Turn-off delay time
t d( of f)
-
324
389
Fall time
t f
-67
80
ns
Turn-on energy
Eon
-
0.98
1.18
Turn-off energy
Eoff
-
0.92
1.19
Total switching energy
Ets
T j =150
°C
VCC =400V, IC =30A,
VGE =0/15V,
R G = 1 1
Ω,
L σ
1)
=1 80n H,
C σ
1) =900pF
Energy losses include
“tail” and diode
reverse recovery.
-
1.90
2.38
mJ
1) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.


Similar Part No. - SGW30N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGW30N60 INFINEON-SGW30N60 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW30N60 INFINEON-SGW30N60 Datasheet
367Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.5 Nov. 09
SGW30N60HS INFINEON-SGW30N60HS Datasheet
389Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
More results

Similar Description - SGW30N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGP07N120 INFINEON-SGP07N120 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
SGP02N60 INFINEON-SGP02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com