Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ7.5CA Datasheet(PDF) 2 Page - Suntan Capacitors

Part # SMBJ7.5CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

SMBJ7.5CA Datasheet(HTML) 2 Page - Suntan Capacitors

  SMBJ7.5CA Datasheet HTML 1Page - Suntan Capacitors SMBJ7.5CA Datasheet HTML 2Page - Suntan Capacitors SMBJ7.5CA Datasheet HTML 3Page - Suntan Capacitors SMBJ7.5CA Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Suntan® Su®
SMBJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 440 Volts, 600 Watt Peak Pulse Power
SMBJ PART NUMBER
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX. @IT
TEST
CURR
ENT IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp
Vc(V)
PEAK
PULSE
CURRENT
Ipp
(A)
REVERSE
LEAKAGE
@VRWM
IR(µ
A)
UNI-POLAR
BI-POLAR
SMBJ5.0A
SMBJ5.0CA
5
6.4
7
10
9.2
65.3
800
SMBJ6.0A
SMBJ6.0CA
6
6.67
7.37
10
10.3
58.3
800
SMBJ6.5A
SMBJ6.5CA
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7.0A
SMBJ7.0CA
7
7.78
8.6
10
12
50
200
SMBJ7.5A
SMBJ7.5CA
7.5
8.33
9.21
1
12.9
46.6
100
SMBJ8.0A
SMBJ8.0CA
8
8.89
9.83
1
13.6
44.2
50
SMBJ8.5A
SMBJ8.5CA
8.5
9.44
10.4
1
14.4
41.7
20
SMBJ9.0A
SMBJ9.0CA
9
10
11.1
1
15.4
39
10
SMBJ10A
SMBJ10CA
10
11.1
12.3
1
17
35.3
5
SMBJ11A
SMBJ11CA
11
12.2
13.5
1
18.2
33
5
SMBJ12A
SMBJ12CA
12
13.3
14.7
1
19.9
30.2
5
SMBJ13A
SMBJ13CA
13
14.4
15.9
1
21.5
28
5
SMBJ14A
SMBJ14CA
14
15.6
17.2
1
23.2
25.9
5
SMBJ15A
SMBJ15CA
15
16.7
18.5
1
24.4
24.6
5
SMBJ16A
SMBJ16CA
16
17.8
19.7
1
26
23.1
5
SMBJ17A
SMBJ17CA
17
18.9
20.9
1
27.6
21.8
5
SMBJ18A
SMBJ18CA
18
20
22.1
1
29.2
20.6
5
SMBJ20A
SMBJ20CA
20
22.2
24.5
1
32.4
18.6
5
SMBJ22A
SMBJ22CA
22
24.4
26.9
1
35.5
16.9
5
SMBJ24A
SMBJ24CA
24
26.7
29.5
1
38.9
15.5
5
SMBJ26A
SMBJ26CA
26
28.9
31.9
1
42.1
14.3
5
SMBJ28A
SMBJ28CA
28
31.1
34.4
1
45.4
13.3
5
SMBJ30A
SMBJ30CA
30
33.3
36.8
1
48.4
12.4
5
SMBJ33A
SMBJ33CA
33
36.7
40.6
1
53.3
11.3
5
SMBJ36A
SMBJ36CA
36
40
44.2
1
58.1
10.4
5
SMBJ40A
SMBJ40CA
40
44.4
49.1
1
64.5
9.3
5
SMBJ43A
SMBJ43CA
43
47.8
52.8
1
69.4
8.7
5
SMBJ45A
SMBJ45CA
45
50
55.3
1
72.7
8.3
5
Note: Specifications are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - SMBJ7.5CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ7.5CA DIODES-SMBJ7.5CA Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ7.5CA EIC-SMBJ7.5CA Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMBJ7.5CA PACELEADER-SMBJ7.5CA Datasheet
130Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
SMBJ7.5CA YINT-SMBJ7.5CA Datasheet
1Mb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Shenzhen Luguang Electr...
SMBJ7.5CA LUGUANG-SMBJ7.5CA Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMBJ7.5CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com