Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKBPC2508 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # SKBPC2508
Description  THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

SKBPC2508 Datasheet(HTML) 1 Page - Suntan Capacitors

  SKBPC2508 Datasheet HTML 1Page - Suntan Capacitors SKBPC2508 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
SKBPC2504 THRU SKBPC2516
THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
REVERSE VOLTAGE 400 to 1600 Volts
FORWARD CURRENT 25 Ampere
F E A T U R E S
◆Io 25A
◆V
RRM 400V~1600V
◆Glass passivated chip
High surge forward current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
Conditions
SKBC
2504
SKBPC
2506
SKBPC
2508
SKBPC
2510
SKBPC
2512
SKBPC
2514
SKBPC
2516
UNIT
Repetitive Peak
Reverse Voltage
VRRM
400
600
800
1000
1200
1400
1600
V
Average Rectified
Output Current
IO
60Hz
sine
wave,
R-load
With
heatsink
Tc=55℃
25
A
Surge(Nonrepetitive)
Forward Current
IFSM
60Hz sine wave, 1
cycle, Ta=25℃
360
A
Current Squared Time
I
2t
1ms≤t<8.3ms
Tj=25
Rating of
per diode
540
A
2S
Storage Temperature
TSTG
-40~+150
Junction Temperature
TJ
-55~+150
Dielectric Strength
Vdis
Terminals to case,
AC 1 minute
2.5
KV
Item
SYMBOL
UNIT
Test Condition
Max
Peak Forward Voltage
VFM
V
IFM=8.5A, Pulse measurement, Rating of per
1.2
Peak Reverse Current
IRRM
uA
VRM=VRRM , Pulse measurement, Rating of per diode
10
Thermal Resistance
RθJ-C
℃/W
Between junction and case, With heatsink
1.9
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
SKBPC
Dimensions in inches and (millimeters)


Similar Part No. - SKBPC2508

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SKBPC2508 YANGJIE-SKBPC2508 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Suntan Capacitors
SKBPC2508 SUNTAN-SKBPC2508 Datasheet
829Kb / 4P
   Diffused Junction
logo
Kingtronics Internation...
SKBPC2508 KINGTRONICS-SKBPC2508 Datasheet
316Kb / 2P
   THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER REVERSE VOLTAGE 400 to 1600 Volts FORWARD CURRENT 25 Ampere
logo
Yangzhou yangjie electr...
SKBPC2508 YANGJIE-SKBPC2508 Datasheet
103Kb / 2P
   Bridge Rectifier
logo
Shenzhen Luguang Electr...
SKBPC2508 LUGUANG-SKBPC2508 Datasheet
896Kb / 3P
   Three Phase Bridge Rectifiers
More results

Similar Description - SKBPC2508

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
MD100S18M5 APTSEMI-MD100S18M5 Datasheet
118Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD250S08M3 YANGJIE-MD250S08M3 Datasheet
140Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
   Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
   Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD50S08M4 YANGJIE-MD50S08M4 Datasheet
129Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
MD100S08M2 YANGJIE-MD100S08M2 Datasheet
194Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD60S18M2 LEIDITECH-MD60S18M2 Datasheet
311Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
MSD70S ETC2-MSD70S Datasheet
177Kb / 3P
   Glass Passivated Three phase Rectifier Bridge
MSD75 ETC2-MSD75 Datasheet
143Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com