Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLIN2029DRBRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLIN2029DRBRQ1
Description  Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN2029DRBRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TLIN2029DRBRQ1 Datasheet HTML 1Page - Texas Instruments TLIN2029DRBRQ1 Datasheet HTML 2Page - Texas Instruments TLIN2029DRBRQ1 Datasheet HTML 3Page - Texas Instruments TLIN2029DRBRQ1 Datasheet HTML 4Page - Texas Instruments TLIN2029DRBRQ1 Datasheet HTML 5Page - Texas Instruments TLIN2029DRBRQ1 Datasheet HTML 6Page - Texas Instruments TLIN2029DRBRQ1 Datasheet HTML 7Page - Texas Instruments TLIN2029DRBRQ1 Datasheet HTML 8Page - Texas Instruments TLIN2029DRBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
TLIN2029-Q1
SLLSEY6 – OCTOBER 2017
www.ti.com
Product Folder Links: TLIN2029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
Tested in accordance to AEC-Q100-002
(3)
Test method based upon AEC-Q100-002, LIN bus and VSUP are stressed with respect to GND.
(4)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
Pins TXD, RXD, EN (2)
±4000
V
Pins LIN bus, Vsup(3)
±8000
Charged-device model (CDM), per JEDEC
specification JESD22-C101(4)
All pins
±1500
(1)
IEC 61000-4-2 is a system level ESD test. Results given here are specific to the IBEE LIN EMC Test specification conditions. Different
system level configurations may lead to different results
(2)
Testing performed at 3rd party IBEE Zwickau test house, test report available upon request.
(3)
ISO7637 is a system level transient test. Results given here are specific to the IBEE LIN EMC Test specification conditions. Different
system level configurations may lead to different results.
(4)
SAEJ2962-1 Testing performed at 3rd party US3 approved EMC test facility, test report available upon request.
6.3 ESD Ratings, IEC Specification
VALUE
UNIT
IEC 61000-4-2 according to IBEE EMC test
spec(1)
LIN , Vsup terminal to GND(2)
±8000
V
ISO7637-2 & IEC 62215-3 Transients
according to IBEE LIN EMC test spec(3)
LIN , Vsup
Pulse 1
-100
V
Pulse 2
75
V
Pulse 3a
-150
V
Pulse 3b
100
V
Powered ESD Performance SAEJ2962-1
SAEJ2962-1(4)
Contact
±8000
V
Air Discharge
±25000
V
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VSUP
Supply boltage
4
48
V
VLIN
LIN bus input voltage
0
48
V
VLOGIC
Logic pin voltage (RXD, TXD, EN)
0
5.25
V
TA
Operational free-air temperature (see Thermal Information table)
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information
THERMAL METRIC(1)
TLIN2029-Q1
UNIT
D
DRB
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
115.5
48.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58.7
55.5
°C/W
RθJB
Junction-to-board thermal resistance
58.9
22.2
°C/W
ψJT
Junction-to-top characterization parameter
14.1
1.2
°C/W
ψJB
Junction-to-board characterization parameter
58.2
22.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
4.8
°C/W


Similar Part No. - TLIN2029DRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN2029A-Q1 TI-TLIN2029A-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029A-Q1 TI-TLIN2029A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029A-Q1 TI-TLIN2029A-Q1_V01 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029ADRBRQ1 TI-TLIN2029ADRBRQ1 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029ADRBRQ1 TI-TLIN2029ADRBRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
More results

Similar Description - TLIN2029DRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN2024-Q1 TI1-TLIN2024-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Fault Protected Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2022-Q1 TI1-TLIN2022-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Fault Protected Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN1029A-Q1 TI-TLIN1029A-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN1029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com