Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTLIN2029DQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # PTLIN2029DQ1
Description  Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTLIN2029DQ1 Datasheet(HTML) 3 Page - Texas Instruments

  PTLIN2029DQ1 Datasheet HTML 1Page - Texas Instruments PTLIN2029DQ1 Datasheet HTML 2Page - Texas Instruments PTLIN2029DQ1 Datasheet HTML 3Page - Texas Instruments PTLIN2029DQ1 Datasheet HTML 4Page - Texas Instruments PTLIN2029DQ1 Datasheet HTML 5Page - Texas Instruments PTLIN2029DQ1 Datasheet HTML 6Page - Texas Instruments PTLIN2029DQ1 Datasheet HTML 7Page - Texas Instruments PTLIN2029DQ1 Datasheet HTML 8Page - Texas Instruments PTLIN2029DQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
RXD
8
NC
2
EN
7
VSUP
3
NC
6
LIN
4
TXD
5
GND
Not to scale
Thermal
Pad
1
RXD
8
NC
2
EN
7
VSUP
3
NC
6
LIN
4
TXD
5
GND
Not to scale
3
TLIN2029-Q1
www.ti.com
SLLSEY6 – OCTOBER 2017
Product Folder Links: TLIN2029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
8-Pin (SOIC)
Top View
DRB Package
8-Pin (VSON)
Top View
Pin Functions
PIN
Type
DESCRIPTION
NO.
NAME
1
RXD
D O
RXD output (open-drain) interface reporting state of LIN bus voltage
2
EN
D I
Enable input - High put the device in normal operation mode and low put the device in sleep
mode
3
NC
Not connected
4
TXD
D I
TXD input interface to control state of LIN output - Internal pulled to ground
5
GND
GND
Ground
6
LIN
HV I/O
LIN bus single-wire transmitter and receiver
7
VSUP
Supply
Device supply voltage (connected to battery in series with external reverse blocking diode
8
NC
Not connected
DRB Thermal
Pad
GND
GND
Ground and should be soldered
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VSUP
Supply voltage range (ISO/DIS 17987)
–0.3
60
V
VLIN
LIN Bus input voltage (ISO/DIS 17987)
–58
58
V
VLOGIC
Logic Pin Voltage (RXD, TXD, EN)
–0.3
5.5
V
TJ
Junction temperature range
–55
150
°C
Storage temperature, Tstg
Storage temperature range
–65
165


Similar Part No. - PTLIN2029DQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTLIN1021ADRQ1 TI-PTLIN1021ADRQ1 Datasheet
2Mb / 44P
[Old version datasheet]   TLIN1021A-Q1 Fault-Protected LIN Transceiver with Inhibit and Wake
PTLIN1021DRBRQ1 TI1-PTLIN1021DRBRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
PTLIN1021DRQ1 TI1-PTLIN1021DRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
PTLIN10285DRBRQ1 TI1-PTLIN10285DRBRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
PTLIN10285DRBRQ1 TI1-PTLIN10285DRBRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
More results

Similar Description - PTLIN2029DQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN2024-Q1 TI1-TLIN2024-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Fault Protected Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2022-Q1 TI1-TLIN2022-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Fault Protected Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN1029A-Q1 TI-TLIN1029A-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN1029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com