Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLIN2029-Q1 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLIN2029-Q1
Description  Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN2029-Q1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLIN2029-Q1 Datasheet HTML 27Page - Texas Instruments TLIN2029-Q1 Datasheet HTML 28Page - Texas Instruments TLIN2029-Q1 Datasheet HTML 29Page - Texas Instruments TLIN2029-Q1 Datasheet HTML 30Page - Texas Instruments TLIN2029-Q1 Datasheet HTML 31Page - Texas Instruments TLIN2029-Q1 Datasheet HTML 32Page - Texas Instruments TLIN2029-Q1 Datasheet HTML 33Page - Texas Instruments TLIN2029-Q1 Datasheet HTML 34Page - Texas Instruments TLIN2029-Q1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
-.244
.228
-6.19
5.80
[
]
.069 MAX
[1.75]
6X .050
[1.27]
8X .012-.020
[0.31-0.51]
2X
.150
[3.81]
TYP
-.010
.005
-0.25
0.13
[
]
0 - 8
-.010
.004
-0.25
0.11
[
]
.010
[0.25]
-.050
.016
-1.27
0.41
[
]
.041
[1.04]
A
NOTE 3
-.197
.189
-5.00
4.81
[
]
B
NOTE 4
-.157
.150
-3.98
3.81
[
]
SOIC
SOIC - 1.75 mm max height
D0008B
4221445/B 04/2014
NOTES:
1. Linear dimensions are in inches [millimeters]. Dimensions in parenthesis are for reference only. Controlling dimensions are in inches.
Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed .006 [0.15], per side.
4. This dimension does not include interlead flash.
5. Reference JEDEC registration MS-012, variation AA.
1
8
.010 [0.25]
C A
B
5
4
PIN 1 ID AREA
SEATING PLANE
.004 [0.1] C
SEE DETAIL A
TYPICAL
DETAIL A
SCALE 2.800
31
TLIN2029-Q1
www.ti.com
SLLSEY6 – OCTOBER 2017
Product Folder Links: TLIN2029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated


Similar Part No. - TLIN2029-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN2029A-Q1 TI-TLIN2029A-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029A-Q1 TI-TLIN2029A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029A-Q1 TI-TLIN2029A-Q1_V01 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029ADRBRQ1 TI-TLIN2029ADRBRQ1 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029ADRBRQ1 TI-TLIN2029ADRBRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
More results

Similar Description - TLIN2029-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN2024-Q1 TI1-TLIN2024-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Fault Protected Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2022-Q1 TI1-TLIN2022-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Fault Protected Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN1029A-Q1 TI-TLIN1029A-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN1029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com