Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5951RTAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5951RTAR
Description  24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5951RTAR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5951RTAR Datasheet HTML 1Page - Texas Instruments TLC5951RTAR Datasheet HTML 2Page - Texas Instruments TLC5951RTAR Datasheet HTML 3Page - Texas Instruments TLC5951RTAR Datasheet HTML 4Page - Texas Instruments TLC5951RTAR Datasheet HTML 5Page - Texas Instruments TLC5951RTAR Datasheet HTML 6Page - Texas Instruments TLC5951RTAR Datasheet HTML 7Page - Texas Instruments TLC5951RTAR Datasheet HTML 8Page - Texas Instruments TLC5951RTAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
VCC
VLED
GSSIN
GSSCK
GSLAT
DCSIN
DCSCK
R
IREF
Controller
7
FLAGS
READ
XBLNK
GSCKR
GSCKG
GCCKB
GSSIN
GSSCK
GSLAT
GSSOUT
DCSOUT
VCC
GND
TLC5951
IC1
OUTR0/G0/B0
OUTR7/G7/B7
DCSIN
DCSCK
XBLNK
GSCKR
GSCKG
GSCKB
IREF
GSSIN
GSSCK
GSLAT
GSSOUT
DCSOUT
VCC
GND
TLC5951
ICn
OUTR0/G0/B0
OUTR7/G7/B7
DCSIN
DCSCK
XBLNK
GSCKR
GSCKG
GSCKB
IREF
VCC
R
IREF
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC5951
SBVS127E – MARCH 2009 – REVISED JULY 2017
TLC5951 24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction
and 3-Group, 8-Bit Global Brightness Control
1
1 Features
1
24-Channel Constant-Current Sink Output
Current Capability: 40 mA
Selectable Grayscale (GS) Control With PWM:
12-Bit (4096 Step), 10-Bit (1024 Step), 8-Bit (256
Step)
Three Independent Grayscale Clocks for Three
Color Groups
Dot Correction (DC): 7-Bit (128 Step)
Global Brightness Control (BC) for Each Color
Group: 8-Bit (256 Step)
Auto Display Repeat Function
Independent Data Port for GS and BC and DC
Data
Communication Path Between Each Data Port
LED Power-Supply Voltage up to 15 V
VCC = 3 V to 5.5 V
Constant-Current Accuracy:
Channel-to-Channel = ±1.5%
Device-to-Device = ±3%
CMOS Logic Level I/O
Data Transfer Rate: 30 MHz
33-MHz Grayscale Control Clock
Continuous Base LED-Open Detection (LOD)
Continuous Base LED-Short Detection (LSD)
Thermal Shutdown (TSD) With Auto Restart
Grouped Delay to Prevent Inrush Current
Operating Ambient Temperature: –40°C to 85°C
Packages: HTSSOP-38, QFN-40
2 Applications
Full-Color LED Displays
LED Signboards
3 Description
The TLC5951 device is a 24-channel, constant-
current sink driver. Each channel has an individually-
adjustable, 4096-step, pulse-width modulation (PWM)
grayscale (GS) brightness control and 128-step
constant-current
dot
correction
(DC).
The
dot
correction
adjusts
brightness
deviation
between
channels and other LED drivers. The output channels
are grouped into three groups of eight channels.
Each channel group has a 256-step global brightness
control (BC) function and an individual grayscale
clock input.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC5951
HTSSOP (38)
12.50 mm × 6.20 mm
VQFN (40)
6.00 × 6.00 mm
WQFN (40)
6.00 × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit (Multiple Daisy-Chained TLC5951 Devices)


Similar Part No. - TLC5951RTAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951RHAR TI1-TLC5951RHAR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951RHAT TI1-TLC5951RHAT Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5951RTAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com