Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGS-P9160GCM2-HV_JP Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # RGS-P9160GCM2-HV_JP
Description  Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9160GCM2-HV_JP Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  RGS-P9160GCM2-HV_JP Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9160GCM2-HV_JP Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9160GCM2-HV_JP Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9160GCM2-HV_JP Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9160GCM2-HV_JP Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9160GCM2-HV_JP Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-P9160GCM2-HV_JP Datasheet HTML 7Page - ORing Industrial Networking Corp RGS-P9160GCM2-HV_JP Datasheet HTML 8Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.2a Oct, 2017
*Note: This function is available by request only
O-Chain
MRP*Note
Fast Recovery
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in DB-9 connector with console cable. 115200bps, 8, N, 1
LED indicators
System Ready Indicator (PWR)
Green : Indicates that the system ready. The LED is blinking when the system is upgrading firmware
Power Indicator (PWR1 / PWR2)
Green : Power LED x 2
Ring Master Indicator (R.M.)
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken.
Fault Indicator (Fault)
Amber : Indicate unexpected event occurred
Reset To Default Running Indicator
(DEF)
Green : System resets to default configuration
Supervisor Login Indicator (RMT)
Green : System is accessed remotely
Fault contact
Relay
Relay output to carry capacity of 3A at 30VDC
Power
Power Input
Dual 24/48VDC (24~72VDC) power inputs at terminal
block
Dual 100~240VAC / 100~370VDC power inputs at
terminal block
Power consumption (Typ.)
40
TBD
TBD
39
TBD
TBD
Overload current protection
Present
Reverse Polarity Protection
Present
Physical Characteristic
Enclosure
19 inches rack mountable
Dimension (W x D x H)
440 (W) x 325 (D) x 44 (H) mm (17.32x12.8x1.73 inch)
Weight (g)
4,787g
4,524g
4,524g
4,823g
4,560g
4,560g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
10G SFP+ module absent : -40 to 85oC
10G SFP+ module used: -20 to 60 oC
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
EMC
CE EMC (EN 55024, EN 55032), FCC Part 15 B, IEC 61850-3(pending), IEEE 1613 (pending)
EMI
EN 55032, CISPR32, EN 61000-3-2, EN 61000-3-3, FCC Part 15 B class A
EMS
EN 55024 (IEC/EN 61000-4-2 (ESD), IEC/EN 61000-4-3 (RS),IEC/EN 61000-4-4 (EFT),
IEC/EN 61000-4-5 (Surge), IEC/EN 61000-4-6 (CS), IEC/EN 61000-4-8(PFMF), IEC/EN 61000-4-11 (DIP))
Shock
IEC 60068-2-27
Free Fall
IEC 60068-2-31
Vibration
IEC 60068-2-6
Safety
EN 60950-1
Other
IEC 61850-3(pending), IEEE 1613 (pending)
MBTF
287,351 hrs
TBD
TBD
359,407 hrs
TBD
TBD
Warranty
5 years


Similar Part No. - RGS-P9160GCM2-HV_JP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160GCM1-HV_EU ORING-RGS-P9160GCM1-HV_EU Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160GCM1-HV_JP ORING-RGS-P9160GCM1-HV_JP Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160GCM1-HV_UK ORING-RGS-P9160GCM1-HV_UK Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160GCM1-HV_US ORING-RGS-P9160GCM1-HV_US Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160GCM1-LV ORING-RGS-P9160GCM1-LV Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS-P9160GCM2-HV_JP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
IGS-9844GPF ORING-IGS-9844GPF Datasheet
2Mb / 6P
   Industrial 16-port managed Gigabit Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
   Industrial IEC 61850-3 modular rack mount Device Server
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com