Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLA2021IRUGT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLA2021IRUGT
Description  Cost-Optimized, Ultra-Small, 12-Bit, System-Monitoring ADCs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLA2021IRUGT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLA2021IRUGT Datasheet HTML 2Page - Texas Instruments TLA2021IRUGT Datasheet HTML 3Page - Texas Instruments TLA2021IRUGT Datasheet HTML 4Page - Texas Instruments TLA2021IRUGT Datasheet HTML 5Page - Texas Instruments TLA2021IRUGT Datasheet HTML 6Page - Texas Instruments TLA2021IRUGT Datasheet HTML 7Page - Texas Instruments TLA2021IRUGT Datasheet HTML 8Page - Texas Instruments TLA2021IRUGT Datasheet HTML 9Page - Texas Instruments TLA2021IRUGT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
tBUF
tLOW
1 / fSCL
1
st clock cycle
tSU;STA
tHD;STA
Sr
9
th clock
tVD;ACK
70%
30%
tSU;STO
P
S
70%
30%
9
th clock
tHD;STA
S
70%
30%
SDA
SCL
tf
tr
tf
tHD;DAT
tr
tSU;DAT
70%
30%
tVD;DAT
tHIGH
. . .
cont.
. . .
cont.
SDA
SCL
6
TLA2021, TLA2022, TLA2024
SBAS846 – NOVEMBER 2017
www.ti.com
Product Folder Links: TLA2021 TLA2022 TLA2024
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6 I
2C Timing Requirements
over operating ambient temperature range and VDD = 2 V to 5.5 V (unless otherwise noted)
MIN
MAX
UNIT
STANDARD-MODE
fSCL
SCL clock frequency
10
100
kHz
tLOW
Pulse duration, SCL low
4.7
µs
tHIGH
Pulse duration, SCL high
4.0
µs
tHD;STA
Hold time, (repeated) START condition.
After this period, the first clock pulse is generated.
4
µs
tSU;STA
Setup time, repeated START condition
4.7
µs
tHD;DAT
Hold time, data
0
µs
tSU;DAT
Setup time, data
250
ns
tr
Rise time, SCL, SDA
1000
ns
tf
Fall time, SCL, SDA
250
ns
tSU;STO
Setup time, STOP condition
4.0
µs
tBUF
Bus free time, between STOP and START condition
4.7
µs
tVD;DAT
Valid time, data
3.45
µs
tVD;ACK
Valid time, acknowledge
3.45
µs
FAST-MODE
fSCL
SCL clock frequency
10
400
kHz
tLOW
Pulse duration, SCL low
1.3
µs
tHIGH
Pulse duration, SCL high
0.6
µs
tHD;STA
Hold time, (repeated) START condition.
After this period, the first clock pulse is generated.
0.6
µs
tSU;STA
Setup time, repeated START condition
0.6
µs
tHD;DAT
Hold time, data
0
µs
tSU;DAT
Setup time, data
100
ns
tr
Rise time, SCL, SDA
20
300
ns
tf
Fall time, SCL, SDA
300
ns
tSU;STO
Setup time, STOP condition
0.6
µs
tBUF
Bus free time, between STOP and START condition
1.3
µs
tVD;DAT
Valid time, data
0.9
µs
tVD;ACK
Valid time, acknowledge
0.9
µs
Figure 1. I2C Timing Requirements


Similar Part No. - TLA2021IRUGT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA2276 FILTRAN-TLA2276 Datasheet
51Kb / 1P
   Audio Hybrid Transformer
logo
Texas Instruments
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTER TI1-TLA2518IRTER Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTET TI1-TLA2518IRTET Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
More results

Similar Description - TLA2021IRUGT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11612 MAXIM-MAX11612_11 Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_11 Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
logo
Linear Technology
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
API Technologies Corp
HS5210 APITECH-HS5210 Datasheet
2Mb / 3P
   12-Bit Adjustment Free ADCs
logo
Linear Technology
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com