Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGS-P9164FX-SS-SC-HV_JP Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # IGS-P9164FX-SS-SC-HV_JP
Description  Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-P9164FX-SS-SC-HV_JP Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  IGS-P9164FX-SS-SC-HV_JP Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-P9164FX-SS-SC-HV_JP Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-P9164FX-SS-SC-HV_JP Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-P9164FX-SS-SC-HV_JP Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-P9164FX-SS-SC-HV_JP Datasheet HTML 5Page - ORing Industrial Networking Corp IGS-P9164FX-SS-SC-HV_JP Datasheet HTML 6Page - ORing Industrial Networking Corp IGS-P9164FX-SS-SC-HV_JP Datasheet HTML 7Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1-201
1-201
Designed for Rugged Excellence
Software Features
STP/RSTP/MSTP (IEEE 802.1D/w/s)
Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging and GVRP supported
IGMP Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client/Relay
SMTP Client
Modbus TCP
NTP server
Network Redundancy
O-Ring
Open-Ring
O-Chain
MRP*NOTE
Fast Recovery
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in RJ45 connector with console cable. 115200bps, 8, N, 1
LED Indicators
Power Indicator(PWR)
Green : Power LED x 3
Ring Master Indicator (R.M.)
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken.
Fault Indicator(Fault)
Amber : Indicate unexpected event occurred
10/100/1000Base-T(X) RJ45 Port Indicato
Green for Link/Act indicator.
Dual color LED for speed indicator : Green for 1000Mbps indicator / Amber for 100Mbps indicator / Off light for 10Mbps
indicator
1000Base-X Fiber Port Indicator
Green for port Link/Act.(for IGS-P9164GF series)
100Base-FX Fiber Port Indicator
Green for port Link/Act.(for IGS-P9164GFX series)
100/1000Base-X SFP Port Indicator
Green for port Link/Act. (for IGS-P9164GC series)
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC on 3-pin terminal block
Power
Redundant Input Power
LV model : Dual power inputs. 12~48VDC on 2-pin terminal block
HV model : Dual power inputs. 85~264VAC/88~373VDC on 3-pin terminal block
Power Consumption (Typ.)
LV : 18Watts
HV : 18.5Watts
LV : 21Watts
HV : 20.7Watts
LV : 18Watts
HV : 18.5Watts
LV : 21Watts
HV : 19.3Watts
LV : 17Watts
HV : 18Watts
Overload Current Protection
Present
Reverse Polarity Protection
Present
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
115 (W) x 159 (D) x 154 (H)mm (4.53 x 6.3 x 6.06 inch)
Weight (g)
LV Model : 1780 g
HV Model : 2216 g
LV Model : 1769 g
HV Model : 2205 g
LV Model : 1780 g
HV Model : 2216 g
LV Model : 1769 g
HV Model : 2205 g
LV Model : 1750 g
HV Model : 2186 G
Environmental
Storage Temperature
-40 to 85
oC (-40 to 185oF)
Operating Temperature
-40 to 75
oC (-40 to 167oF )
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
Power Automation
IEC 61850-3, IEEE 1613
EMI
FCC Part 15, CISPR (EN55022) class A, EN50155 (EN50121-3-2, EN55011, EN50121-4)
EMS
EN61000-4-2 (ESD)
EN61000-4-3 (RS),
EN61000-4-4 (EFT),
EN61000-4-5 (Surge),
EN61000-4-6 (CS),
EN61000-4-8,
EN61000-4-11
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jul, 2015
*NOTE: This function is available by request only


Similar Part No. - IGS-P9164FX-SS-SC-HV_JP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_EU ORING-IGS-P9812GP-HV_EU Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_JP ORING-IGS-P9812GP-HV_JP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_UK ORING-IGS-P9812GP-HV_UK Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_US ORING-IGS-P9812GP-HV_US Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
More results

Similar Description - IGS-P9164FX-SS-SC-HV_JP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-9812GP ORING-IGS-9812GP Datasheet
2Mb / 5P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
   Industrial Layer-3 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com