Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RES-P3242GCL-MV Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # RES-P3242GCL-MV
Description  Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RES-P3242GCL-MV Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  RES-P3242GCL-MV Datasheet HTML 1Page - ORing Industrial Networking Corp RES-P3242GCL-MV Datasheet HTML 2Page - ORing Industrial Networking Corp RES-P3242GCL-MV Datasheet HTML 3Page - ORing Industrial Networking Corp RES-P3242GCL-MV Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-113
1-113
Designed for Rugged Excellence
ORing Switch Model
RES-P3242GCL-LV(Preliminary)
RES-P3242GCL-HV
Physical Ports
10/100Base-T(X) Ports in RJ45 Auto MDI/MDIX
24
Gigabit combo port with 10/100/1000Base-T(X)
and 1000Base-X SFP
2
RS-232 Serial Console Port
RS-232 console cable. 9600bps, 8, N, 1
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3ab for 1000Base-T
IEEE 802.3z for 1000Base-X
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1D-2004 for RSTP:2004 (Rapid Spanning Tree Protocol 2004)
IEEE 802.1w for RSTP(Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1X for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
8192 MAC addresses
Priority Queues
4
Processing
Store-and-Forward
Switch Properties
Switching bandwidth : 8.8Gbps
Max. Number of Available VLANs : 4096
IGMP multicast groups : 1024
Port rate limiting : User Define
Security Features
Enable/disable ports, MAC based port security
ACL supported
Port based network access control (802.1x)
VLAN (802.1q ) to segregate and secure network traffic
Radius centralized password management
SNMP v1/v2c/v3 encrypted authentication and access security
Https / SSH enhance network security
Software Features
STP/RSTP:2004/MSTP (IEEE 802.1D/w/s)
Redundant Ring (O-Ring) with recovery time less than 10ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging and GVRP supported
IGMP Snooping for multicast filtering
Port configuration, status, statistics, monitoring, security
SNTP for synchronizing of clocks over network
Support PTP Client (Precision Time Protocol) clock synchronization
DHCP Server / Client support
Port Trunk support
MVR (Multicast VLAN Registration) support
Modbus TCP
Network Redundancy
O-Ring O-Chain
Open-Ring
STP MRP*NOTE
RSTP:2004
MSTP
Warning / Monitoring System
Relay output for fault event alarming
Syslog server / client to record and view events
Include SMTP for event warning notification via email
Event selection support
LED Indicators
Power Indicator
Green : Power LED x 2
System Ready Indicator
Green : Indicate system ready. Blinking for system is upgrading firmware.
Ring Master Indicator
Green : Indicate system operated in O-Ring Master mode
O-Ring Indicator
Green : Indicate system operated in O-Ring mode Blinking to indicate Ring is broken.
Specifications
Industrial Ethernet Switch Rack-Mount Managed Ethernet Switch
v2.0a / Sep, 2012
*NOTE: This function is available by request only


Similar Part No. - RES-P3242GCL-MV

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-P OHMITE-RES-P Datasheet
114Kb / 1P
   Low Inductance
logo
ORing Industrial Networ...
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P9242GCL-HV_EU ORING-RES-P9242GCL-HV_EU Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P9242GCL-HV_JP ORING-RES-P9242GCL-HV_JP Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P9242GCL-HV_UK ORING-RES-P9242GCL-HV_UK Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
More results

Similar Description - RES-P3242GCL-MV

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
RES-9242GC ORING-RES-9242GC Datasheet
1Mb / 5P
   Industrial 26-port rack mount managed Ethernet switch
RGS-92222GCP-NP ORING-RGS-92222GCP-NP Datasheet
1Mb / 6P
   Industrial 26-port managed Gigabit Ethernet switch
RES-1242P ORING-RES-1242P Datasheet
877Kb / 3P
   Industrial 26-port rack mount unmanaged Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com