Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLA2021 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLA2021
Description  Cost-Optimized, Ultra-Small, 12-Bit, System-Monitoring ADCs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLA2021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLA2021 Datasheet HTML 4Page - Texas Instruments TLA2021 Datasheet HTML 5Page - Texas Instruments TLA2021 Datasheet HTML 6Page - Texas Instruments TLA2021 Datasheet HTML 7Page - Texas Instruments TLA2021 Datasheet HTML 8Page - Texas Instruments TLA2021 Datasheet HTML 9Page - Texas Instruments TLA2021 Datasheet HTML 10Page - Texas Instruments TLA2021 Datasheet HTML 11Page - Texas Instruments TLA2021 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
SCL
SDA
ADDR
TLA2021
AIN1
GND
AIN0
VDD
I
2C
Interface
12-Bit
û¯ ADC
Voltage
Reference
Oscillator
Copyright © 2017, Texas Instruments Incorporated
SCL
SDA
ADDR
TLA2022
AIN1
GND
AIN0
VDD
I
2C
Interface
12-Bit
û¯ ADC
Voltage
Reference
Oscillator
Copyright © 2017, Texas Instruments Incorporated
PGA
SCL
SDA
ADDR
TLA2024
I
2C
Interface
12-Bit
û¯ ADC
Voltage
Reference
Oscillator
Copyright © 2017, Texas Instruments Incorporated
PGA
GND
VDD
Mux
AIN1
AIN2
AIN0
AIN3
8
TLA2021, TLA2022, TLA2024
SBAS846 – NOVEMBER 2017
www.ti.com
Product Folder Links: TLA2021 TLA2022 TLA2024
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TLA202x are a family of very small, low-power, 12-bit, delta-sigma (ΔΣ) analog-to-digital converters (ADCs).
The TLA202x consist of a ΔΣ ADC core with an internal voltage reference, a clock oscillator, and an I
2C
interface. The TLA2022 and TLA2024 also integrate a programmable gain amplifier (PGA). Figure 5, Figure 6,
and Figure 7 show the functional block diagrams of the TLA2024, TLA2022, and TLA2021, respectively.
The TLA202x ADC core measures a differential signal, VIN, that is the difference of VAINP and VAINN. The
converter core consists of a differential, switched-capacitor ΔΣ modulator followed by a digital filter. This
architecture results in a very strong attenuation of any common-mode signals. Input signals are compared to the
internal voltage reference. The digital filter receives a high-speed bitstream from the modulator and outputs a
code proportional to the input voltage.
The TLA202x have two available conversion modes: single-shot and continuous-conversion. In single-shot
conversion mode, the ADC performs one conversion of the input signal upon request, stores the conversion
value to an internal conversion register, and then enters a power-down state. This mode is intended to provide
significant power savings in systems that only require periodic conversions or when there are long idle periods
between conversions. In continuous-conversion mode, the ADC automatically begins a conversion of the input
signal as soon as the previous conversion is complete. The rate of continuous conversion is equal to the
programmed data rate. Data can be read at any time and always reflect the most recently completed conversion.
8.2 Functional Block Diagrams
Figure 5. TLA2024 Block Diagram
Figure 6. TLA2022 Block Diagram
Figure 7. TLA2021 Block Diagram


Similar Part No. - TLA2021

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA2276 FILTRAN-TLA2276 Datasheet
51Kb / 1P
   Audio Hybrid Transformer
logo
Texas Instruments
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTER TI1-TLA2518IRTER Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTET TI1-TLA2518IRTET Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
More results

Similar Description - TLA2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11612 MAXIM-MAX11612_11 Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_11 Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
logo
Linear Technology
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
API Technologies Corp
HS5210 APITECH-HS5210 Datasheet
2Mb / 3P
   12-Bit Adjustment Free ADCs
logo
Linear Technology
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com