Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGS-P9164FX-MM-SC-HV_JP Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IGS-P9164FX-MM-SC-HV_JP
Description  Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-P9164FX-MM-SC-HV_JP Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IGS-P9164FX-MM-SC-HV_JP Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-P9164FX-MM-SC-HV_JP Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-P9164FX-MM-SC-HV_JP Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-P9164FX-MM-SC-HV_JP Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-P9164FX-MM-SC-HV_JP Datasheet HTML 5Page - ORing Industrial Networking Corp IGS-P9164FX-MM-SC-HV_JP Datasheet HTML 6Page - ORing Industrial Networking Corp IGS-P9164FX-MM-SC-HV_JP Datasheet HTML 7Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1-197
1-197
Designed for Rugged Excellence
Industrial IEC 61850-3 20-port managed Gigabit Ethernet
switch
IGS-P9164 Series
IGS-P9164 series are IEC 61850-3 managed redundant ring Ethernet switches. These switches are designed for power substation application and
rolling stock application, fully compliant with the requirement of IEC 61850-3 and IEEE 1613. IGS-P9164GF series are IEC 61850-3 managed redundant
ring Ethernet switch with 16x10/100/1000Base-T(X) ports and 4x1000Base-X optical fiber port with SC connector. IGS-P9164GFX series are IEC 61850-
3 managed redundant ring Ethernet switch with 16x10/100/1000Base-T(X) ports and 4x100Base-FX optical fiber port with SC connector. IGS-P9164GC
series are IEC 61850-3 managed redundant ring Ethernet switch with 16x10/100/1000Base-T(X) ports and 4xGigabit combo ports with SFP socket. With
completely support of Ethernet Redundancy protocol, O-Ring (recovery time < 30ms over 250 units of connection) and MSTP (RSTP/STP compatible)
can protect your mission-critical applications from network interruptions or temporary malfunctions with its fast recovery technology. And support wide
operating temperature from -40
oC to 75 oC. IGS-P9164GF(X) series can also be managed centralized and convenient by Open-Vision, Except the Web-based
interface, Telnet and console (CLI) configuration. Therefore, the switch is one of the most reliable choice for highly-managed and Fiber Ethernet application.
O-Ring : O-Ring is ORing's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. The O-Ring r
edundant ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover technology.
Features
Introduction
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jul, 2015
IGS-P9164 Series
*NOTE: This function is available by request only
▪ Designed for power substation / Railway application and fully compliant with
the requirement of IEC 61850-3 and IEEE 1613
▪ Support O-Ring (recovery time < 30ms over 250 units of connection) and
MSTP(RSTP/STP compatible) for Ethernet Redundancy
Open-Ring support the other vendor's ring technology in open architecture
O-Chain allow multiple redundant network rings
▪ Support standard IEC 62439-2 MRP*NOTE (Media Redundancy Protocol) function
▪ Support IEEE 1588v2 clock Synchronization
▪ Support IPV6 new internet protocol version
▪ Support Modbus TCP protocol
▪ Provided HTTPS/SSH protocol to enhance network security
▪ Support IEEE 802.3az Energy-Efficient Ethernet technology
▪ Support SMTP client and NTP server protocol
▪ Support IP-based bandwidth management
▪ Support application-based QoS management
▪ Support Device Binding security function
▪ Support DOS/DDOS auto prevention
▪ IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic
▪ Support SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management
▪ Support ACL, TACACS+ and 802.1x User Authentication for security
▪ Support 9.6K Bytes Jumbo Frame
▪ Support DBU-01 backup unit to quickly backup/restore configuration
▪ Multiple notification for warning of unexpected event
▪ Support DBU-01 backup unit device to quickly backup/restore configuration
▪ Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision)
configuration
▪ Support LLDP Protocol
▪ Rigid IP-30 housing design
▪ DIN-Rail and wall mounting enabled


Similar Part No. - IGS-P9164FX-MM-SC-HV_JP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_EU ORING-IGS-P9812GP-HV_EU Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_JP ORING-IGS-P9812GP-HV_JP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_UK ORING-IGS-P9812GP-HV_UK Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_US ORING-IGS-P9812GP-HV_US Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
More results

Similar Description - IGS-P9164FX-MM-SC-HV_JP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-9812GP ORING-IGS-9812GP Datasheet
2Mb / 5P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
   Industrial Layer-3 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com