Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM-02X-D Datasheet(PDF) 6 Page - ORing Industrial Networking Corp

Part # BSM-02X-D
Description  modular managed Gigabit Ethernet switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

BSM-02X-D Datasheet(HTML) 6 Page - ORing Industrial Networking Corp

  BSM-02X-D Datasheet HTML 1Page - ORing Industrial Networking Corp BSM-02X-D Datasheet HTML 2Page - ORing Industrial Networking Corp BSM-02X-D Datasheet HTML 3Page - ORing Industrial Networking Corp BSM-02X-D Datasheet HTML 4Page - ORing Industrial Networking Corp BSM-02X-D Datasheet HTML 5Page - ORing Industrial Networking Corp BSM-02X-D Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1-123
1-123
Designed for Rugged Excellence
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jun, 2016
Regulatory approvals
EMI
FCC Part 15, CISPR (EN55022) class A, EN50121-4, EN50155(pending)
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN 60950-1
Warranty
5 years
MTBF
540,456hrs
Available
Model
Model Name
Description
IGS-9122GPM
Industrial modular managed Gigabit Ethernet switch with 12x10/100/1000Base-T(X) and 2x100/1000Base-X, SFP socket,
3 module extender slots
Available
Model
Model Name
Description
SWM-04GC-D
Industrial 4-port Gigabit Ethernet switch module with 4x1G combo ports.
SWM-04GF-SS-SC-D
Industrial 4-port Gigabit Ethernet switch module with 4x1000Base-LX, single-mode, 10Km/1310nm, SC connector.
SWM-04GF-MM-SC-D
Industrial 4-port Gigabit Ethernet switch module with 4x1000Base-SX, multi-mode, 550m/850nm, SC connector.
SWM-04FX-SS-SC-D
Industrial 4-port Ethernet switch module with 4x100Base-FX, single-mode, 30Km/1310nm, SC connector.
SWM-04FX-MM-SC-D
Industrial 4-port Ethernet switch module with 4x100Base-FX, multi-mode, 2Km/1310nm, SC connector.
SWM-40GT-M12-D
Industrial 4-port Gigabit Ethernet switch module with 4x10/100/1000Base-T(X) ports, M12 connector.
BSM-02X-D (under dev.)
Industrial bypass switch module, 4x100/1G/10GBase-X, LC connector.
BSM-20GT-D (under dev.)
Industrial bypass switch module with 4x10/100/1000Base-T(X) ports.
BSM-20GT-M12-D (under dev.)
Industrial bypass switch module with 4x10/100/1000Base-T(X) ports, M12 connector.
Packing List
IGS-9122GPM x 1
ORing Tool DVD x 1
Quick Installation Guide x 1
Din-Rail Kit x 1
Console Cable x 1
Optional Accessories
Open-Vision M500 : Powerful Network Management Windows Utility Suit, 500 IP devices
SFP100 series : 100Mbps SFP optical transceiver
SFP 1G series : 1Gbps SFP optical transceiver
DR-45 series : 45 Watts DIN-Rail power supply
DR-75 series : 75 Watts DIN-Rail power supply
DR-120 series : 120 Watts DIN-Rail power supply
IGS-9 AA B CC D
Ordering Information
Optional Slot Module
Code Definition
10/100/1000Base-T(X) Port
Number
Additional Port Number
Additional Port Type
Other Option
Option
- 12: 12 ports
- 2: 2 ports
-GP: Gigabit SFP ports
-M: Modular Design


Similar Part No. - BSM-02X-D

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
BSM-7100-1 GAMEWELL-FCI-BSM-7100-1 Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
BSM-7100-1D GAMEWELL-FCI-BSM-7100-1D Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
BSM-7100-2 GAMEWELL-FCI-BSM-7100-2 Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
BSM-7100-2D GAMEWELL-FCI-BSM-7100-2D Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
More results

Similar Description - BSM-02X-D

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
ICS-G7750A MOXA-ICS-G7750A Datasheet
758Kb / 6P
   Gigabit modular managed Ethernet switches
PT-G7728 MOXA-PT-G7728 Datasheet
2Mb / 7P
   Gigabit modular managed Ethernet switches
PT-G7828 MOXA-PT-G7828 Datasheet
2Mb / 7P
   gigabit modular managed Ethernet switches
ICS-G7852A MOXA-ICS-G7852A Datasheet
770Kb / 7P
   Gigabit modular managed Ethernet switches
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
   Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
   Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
   Managed Gigabit Ethernet Switch
logo
Moxa Inc.
PT-7828 MOXA-PT-7828 Datasheet
653Kb / 7P
   Gigabit modular managed rackmount Ethernet switches
PT-7710 MOXA-PT-7710 Datasheet
679Kb / 6P
   Gigabit modular managed rackmount Ethernet switches
PT-7728 MOXA-PT-7728 Datasheet
718Kb / 8P
   Gigabit modular managed rackmount Ethernet switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com