Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC5272D-M0 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC5272D-M0
Description  REMOTE CONTROL DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC5272D-M0 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC5272D-M0 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC5272D-M0 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC5272D-M0 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC5272D-M0 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC5272D-M0 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC5272D-M0 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC5272D-M0 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC5272D-M0 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC5272D-M0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Silan
Semiconductors
SC5272
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
The Synchronous bit waveform is 4 bits long with 1/8 bit width pulse. Please refer to the diagram below:
1/8 bit width=4a
4 bit width=128a
Note: 1bit =32a
Code word
A group of Code Bits is called a Code Word. A Code Word consists of 12 AD bits followed by one Sync. Bit. The
12 AD bits are interpreted as either address or data bits depending on the SC5272 version used. Please refer to
the diagram below:
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
SYNC
Single Resistor Oscillator
The Build-in oscillator circuitry of SC5272 allows a precision oscillator to be constructed by connecting an
external resistor between OSC1 and OSC2 pins. For SC5272 to decode correctly the received waveform, the
oscillator frequency of SC5272 must be 2.5 ~8 times that of transmitting SC5262. It is a good practice to center the
SC5272 oscillator frequency in the window to gain best window margin at both sides. The typical oscillator
frequency with various resistor values for both SC5262 and SC5272 are shown below:
0
3
6
9
12
15
1
10
100
Supply Voltage (V)
Encoder OSC Frequency
0
3
6
9
12
15
1
10
1000
Supply Voltage (V)
Decoder OSC Frequency
100
R=510k
R=1M
R=3.3M
R=4.7M
R=100k
R=240k
R=510k
R=1M
R=2M
R=2M
Suggested Oscillator resistor values are shown below:
4.7M
820k
3.3M
1.2M
680k
200k
SC5262
SC5272


Similar Part No. - SC5272D-M0

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
More results

Similar Description - SC5272D-M0

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com