Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9811-23CB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9811-23CB
Description  RT9811-47CB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9811-23CB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9811-23CB Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9811-23CB Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9811-23CB Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9811-23CB Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9811-23CB Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9811-23CB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
RT9811
DS9811-00 June 2001
www.richtek-ic.com.tw
1
Micro-Power Voltage Detectors
General Description
The RT9811 is a micro-power voltage detector with
de-glitched manual reset input supervising the power
supply voltage level for microprocessors (
µP) or
digital systems. It provides internally fixed threshold
levels with 0.1V per step ranging from 1.5V to 5V,
which covers most digital applications. It features low
supply current of 2.5
µA.
The RT9811 performs supervisory function by
sending out a reset signal whenever the VDD voltage
falls below a preset threshold level. This reset signal
will last the whole period before VDD recovering.
Once VDD recovered up-crossing the threshold level,
the reset signal will be released after a certain delay
time. A 5% hysteresis splits the rising and falling
threshold levels. To pull reset signal low manually,
just pull the manual reset input (MR) below the
specified VIL level.
RT9811 is provided in SOT-25 package.
Applications
Computers
Controllers
Intelligent Instruments
Critical
µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Ordering Information
RT9811-
Features
Internally Fixed Threshold 1.5V to 5V in 0.1V
Step
±±±±2% Accuracy
Low Supply Current 2.5
µµµµA
No External Components Required
Quick Reset within 20
µµµµS
Built-in Recovery Delay 400mS
100nS Glitch Immunity of Manual Reset Input
Low Functional Supply Voltage 0.9V
Small 4-Pin SOT-25 Package
Pin Configurations
Part Number
Pin Configurations
RT9811-
CB
(SOT-25)
TOP VIEW
1. GND
2. NC
3. RESET
4. MR
5. VDD
Typical Application Circuit
54
3
2
1
Operating temperature range
C: Commercial standard
Package Type
B : SOT-25
Reset Threshold
15 : 1.5V
16 : 1.6V
:
49 : 4.9V
50 : 5.0V
VDD
µP
RESET
RT9811
VDD
RESET
MR
GND


Similar Part No. - RT9811-23CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9816 RICHTEK-RT9816 Datasheet
117Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9816 RICHTEK-RT9816 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9816A-12CY RICHTEK-RT9816A-12CY Datasheet
117Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9816A-12GY RICHTEK-RT9816A-12GY Datasheet
117Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9816A-12GY RICHTEK-RT9816A-12GY Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com