Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGPS-1082GP Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IGPS-1082GP
Description  Industrial 10-port unmanaged Gigabit PoE Ethernet switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-1082GP Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IGPS-1082GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-1082GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-1082GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPS-1082GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPS-1082GP Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design for Rugged Excellence
v0.1
* All specifications are subject to change without notice.
Introduction
Features
Support 8 ports IEEE 802.3at compliant PoE and total power
budget is 120W with maximum 30W per port of 24V model
Total power budget is 180Watts with maximum 30Watts per port of
IGPS-1082GP model
Support up to 9.6K Bytes Jumbo Frame
Support up to 4Mbit Packet buffer
Support auto-negotiation and auto-MDI/MDI-X
Support store and forward transmission
Support flow control
Provided relay output for power failed warning system
Provide DIP-switch to setting SFP speed
Rigid IP-30 housing design
DIN-Rail and wall mounting enabled
IGPS-1082GP series is full Gigabit unmanaged PoE Ethernet switches with 8x10/100/1000Base-T(X) P.S.E. ports and
2x100/1000Base-X SFP ports. IGPS-1082GP series also support Power over Ethernet, a system to transmit electrical power
up to 30 watts, along with data, to remote devices over standard twisted-pair cable in an Ethernet network. Each
IGPS-1082GP series switch has 8x10/100/1000Base-T(X) P.S.E. (Power Sourcing Equipment) ports. P.S.E. is a device
(switch or hub for instance) that will provide power in a PoE connection. And support wide operating temperature from -40
oC to 75 oC. Therefore, the switch is one of the most reliable choices for rolling stock and highly-unmanaged PoE Ethernet
application.
IGPS-1082GP can be used in connecting several Ethernet devices like Ethernet I/O, IP-Camera or other Ethernet
switches. In addition, there are two different power inputs at terminal block to avoid interruption caused by power down.
When the primary DC power input fails, the backup power input will take over immediately to guarantee a non-stop
operation.
IGPS-1082GP Series
Industrial 10-port unmanaged Gigabit PoE Ethernet switch with 8x10/100/1000Base-T(X)
P.S.E. and 2x100/1000Base-X, SFP socket
Practical Operation
Specifications
Introduction


Similar Part No. - IGPS-1082GP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-1080-24V ORING-IGPS-1080-24V Datasheet
1Mb / 3P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
IGPS-1080-24V-I ORING-IGPS-1080-24V-I Datasheet
624Kb / 5P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
IGPS-1080A ORING-IGPS-1080A Datasheet
1Mb / 3P
   Industrial 8-port slim type unmanaged Gigabit PoE
More results

Similar Description - IGPS-1082GP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
   5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGPS-1080-24V ORING-IGPS-1080-24V Datasheet
1Mb / 3P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
IGPS-1042GP-24V ORING-IGPS-1042GP-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged Gigabit PoE Ethernet switch
IGPS-1080-24V-I ORING-IGPS-1080-24V-I Datasheet
624Kb / 5P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
   Industrial 10-port unmanaged Gigabit Ethernet switch
TGPS-1080-M12-BP2 ORING-TGPS-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit PoE Ethernet switch
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
   5-port unmanaged Gigabit PoE Ethernet switch
TGPS-1080-M12 ORING-TGPS-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit PoE Ethernet switch
IGPS-1042GPA ORING-IGPS-1042GPA Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged Gigabit PoE Ethernet switch
IGPCS-E131GP ORING-IGPCS-E131GP Datasheet
789Kb / 3P
   Industrial 4-port PCIe unmanaged Gigabit PoE Ethernet switch card
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com