Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THVD1452DGS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THVD1452DGS
Description  3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD1452DGS Datasheet(HTML) 10 Page - Texas Instruments

Back Button THVD1452DGS Datasheet HTML 6Page - Texas Instruments THVD1452DGS Datasheet HTML 7Page - Texas Instruments THVD1452DGS Datasheet HTML 8Page - Texas Instruments THVD1452DGS Datasheet HTML 9Page - Texas Instruments THVD1452DGS Datasheet HTML 10Page - Texas Instruments THVD1452DGS Datasheet HTML 11Page - Texas Instruments THVD1452DGS Datasheet HTML 12Page - Texas Instruments THVD1452DGS Datasheet HTML 13Page - Texas Instruments THVD1452DGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
THVD1410
THVD1450, THVD1451, THVD1452
SLLSEY3 – NOVEMBER 2017
www.ti.com
Product Folder Links: THVD1450
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Switching Characteristics, THVD1410
500-kbps device over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver
tr, tf
Differential output rise/fall time
RL = 54 Ω, CL = 50 pF
See Figure 3
250
400
600
ns
tPHL, tPLH
Propagation delay
350
550
ns
tSK(P)
Pulse skew, |tPHL – tPLH|
40
ns
tPHZ, tPLZ
Disable time
See Figure 4 and
Figure 5
50
200
ns
tPZH, tPZL
Enable time
RE = 0 V
300
600
ns
RE = VCC
4
10
µs
Receiver
tr, tf
Differential output rise/fall time
CL = 15 pF
See Figure 6
13
25
ns
tPHL, tPLH
Propagation delay
70
110
ns
tSK(P)
Pulse skew, |tPHL – tPLH|
7
ns
tPHZ, tPLZ
Disable time
45
60
ns
tPZH(1),
tPZL(1),
tPZH(2),
tPZL(2)
Enable time
DE = VCC
See Figure 7
20
140
ns
DE = 0 V
See Figure 8
4
10
μs


Similar Part No. - THVD1452DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1452DGS TI1-THVD1452DGS Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1452DGS TI1-THVD1452DGS Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1452DGSR TI1-THVD1452DGSR Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1452DGSR TI1-THVD1452DGSR Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
More results

Similar Description - THVD1452DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1400 TI-THVD1400_V01 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1400 TI-THVD1400_V02 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹12-kV IEC ESD Protection
OCTOBER 2021
THVD1400 TI-THVD1400 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406_V01 Datasheet
1Mb / 29P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
THVD1406 TI-THVD1406_V02 Datasheet
2Mb / 32P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com