Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THVD1410D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THVD1410D
Description  3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD1410D Datasheet(HTML) 9 Page - Texas Instruments

Back Button THVD1410D Datasheet HTML 5Page - Texas Instruments THVD1410D Datasheet HTML 6Page - Texas Instruments THVD1410D Datasheet HTML 7Page - Texas Instruments THVD1410D Datasheet HTML 8Page - Texas Instruments THVD1410D Datasheet HTML 9Page - Texas Instruments THVD1410D Datasheet HTML 10Page - Texas Instruments THVD1410D Datasheet HTML 11Page - Texas Instruments THVD1410D Datasheet HTML 12Page - Texas Instruments THVD1410D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
THVD1410
THVD1450, THVD1451, THVD1452
www.ti.com
SLLSEY3 – NOVEMBER 2017
Product Folder Links: THVD1450
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Under any specific conditions, VTH+ is assured to be at least VHYS higher than VTH–.
7.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver
|VOD|
Driver differential output
voltage magnitude
RL = 60 Ω, -15 V ≤ Vtest ≤ 15 V (See Figure 1)
1.5
2
V
RL = 60 Ω, -15 V ≤ Vtest ≤ 15 V, 4.5 V < VCC < 5.5 V, (See Figure 1)
2.1
V
RL = 100 Ω (See Figure 2)
2
2.5
V
RL = 54 Ω (See Figure 2)
1.5
2
V
Δ|VOD|
Change in differential
output voltage
RL = 54 Ω or 100 Ω (See Figure 2)
–50
50
mV
VOC
Common-mode output
voltage
1
VCC/2
3
V
ΔVOC(SS)
Change in steady-state
common-mode output
voltage
–50
50
mV
IOS
Short-circuit output current
DE = VCC, -15 V ≤ VO ≤ 15 V
–250
250
mA
Receiver
II
Bus input current
DE = 0 V, VCC = 0 V or 5.5
V
THVD1410
VI = 12 V
75
125
μA
VI = 15 V
95
156
VI = -7 V
–100
–40
VI = -15 V
-215
-85
THVD145x
VI = 12 V
95
160
VI = 15 V
150
200
VI = -7 V
–130
–55
VI = -15 V
-280
-180
VTH+
Positive-going input
threshold voltage
Over common-mode range of ± 15 V
See(1)
–70
–20
mV
VTH-
Negative-going input
threshold voltage
–200
–150
See(1)
mV
VHYS
Input hysteresis
50
80
mV
VOH
Output high voltage
IOH = -8 mA
2.4
VCC-0.3
V
VOL
Output low voltage
IOL = 8 mA
0.2
0.4
V
IOZ
Output high-impedance
current
VO = 0 V or VCC, RE = VCC
-1
1
µA
Logic
IIN
Input current (D, DE, RE)
3 V
≤ VCC ≤ 5.5 V, 0 V ≤ VIN ≤ VCC
–5
0
5
µA
Supply
ICC
Supply current (quiescent)
Driver and receiver enabled
RE = 0 V, DE = VCC,
No load
1.5
2.8
mA
Driver enabled, receiver disabled
RE = VCC, DE = VCC,
No load
1
2
mA
Driver disabled, receiver enabled
RE = 0 V, DE = 0 V,
No load
600
900
µA
Driver and receiver disabled
RE = VCC, DE = 0 V,
D = open, No load
0.1
1
µA


Similar Part No. - THVD1410D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410D TI1-THVD1410D Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410D TI1-THVD1410D Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410DGK TI1-THVD1410DGK Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410DGK TI1-THVD1410DGK Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410DGKR TI1-THVD1410DGKR Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
More results

Similar Description - THVD1410D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1400 TI-THVD1400_V01 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1400 TI-THVD1400_V02 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹12-kV IEC ESD Protection
OCTOBER 2021
THVD1400 TI-THVD1400 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406_V01 Datasheet
1Mb / 29P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
THVD1406 TI-THVD1406_V02 Datasheet
2Mb / 32P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com