Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5760M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760M Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5760M Datasheet HTML 6Page - Texas Instruments TAS5760M Datasheet HTML 7Page - Texas Instruments TAS5760M Datasheet HTML 8Page - Texas Instruments TAS5760M Datasheet HTML 9Page - Texas Instruments TAS5760M Datasheet HTML 10Page - Texas Instruments TAS5760M Datasheet HTML 11Page - Texas Instruments TAS5760M Datasheet HTML 12Page - Texas Instruments TAS5760M Datasheet HTML 13Page - Texas Instruments TAS5760M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
10
TAS5760M-Q1
SLOS988 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TAS5760M-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Speaker Amplifier in Mono Parallel Bridge Tied Load (PBTL) Mode (continued)
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
The continuous power output of any amplifier is determined by the thermal performance of the amplifier as well as limitations placed on
it by the system around it, such as the PCB configuration and the ambient operating temperature. The performance characteristics listed
in this section are achievable on the TAS5760M-Q1's EVM, which is representative of the poplular "2 Layers / 1oz Copper" PCB
configuration in a size that is representative of the amount of area often provided to the amplifier section of popular consumer audio
electronics. As can be seen in the instantaneous power portion of this table, more power can be delivered from the TAS5760M-Q1 if
steps are taken to pull more heat out of the device. For instance, using a board with more layers or adding a small heatsink will result in
an increase of continuous power, up to and including the instantaneous power level. This behavior can also been seen in the POUT vs.
PVDD plots shown in the Typical Characteristics (Mono PBTL Mode): fSPK_AMP = 384 kHz section of this data sheet.
PO(SPK)
Maximum Instantaneous Output
Power
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
RSPK = 2Ω, THD+N = 0.1%,
28.6
W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
RSPK = 4Ω, THD+N = 0.1%,
15.9
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
RSPK = 8Ω, THD+N = 0.1%
8.4
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 2Ω, THD+N = 0.1%,
43.2
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 4Ω, THD+N = 0.1%,
25
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 8Ω, THD+N = 0.1%
13.3
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 2Ω, THD+N = 0.1%,
68.3
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 4Ω, THD+N = 0.1%,
40
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 8Ω, THD+N = 0.1%
21.3
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
RSPK = 2Ω, THD+N = 0.1%,
114.7
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
RSPK = 4Ω, THD+N = 0.1%,
63.5
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
RSPK = 8Ω, THD+N = 0.1%
34.1
PO(SPK)
Maximum Continuous Output
Power(1)
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
RSPK = 2Ω, THD+N = 0.1%,
30
W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
RSPK = 4Ω, THD+N = 0.1%,
15.9
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
RSPK = 8Ω, THD+N = 0.1%
8.4
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 2Ω, THD+N = 0.1%,
28.5
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 4Ω, THD+N = 0.1%,
25
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 8Ω, THD+N = 0.1%
13.3
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 2Ω, THD+N = 0.1%,
26.5
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 4Ω, THD+N = 0.1%,
40
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
RSPK = 8Ω, THD+N = 0.1%
21.3
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
RSPK = 2Ω, THD+N = 0.1%,
24
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
RSPK = 4Ω, THD+N = 0.1%,
40
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
RSPK = 8Ω, THD+N = 0.1%
34.1


Similar Part No. - TAS5760M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAP TI1-TAS5760MDAP Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5756M TI1-TAS5756M Datasheet
3Mb / 104P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
   Digital Input 2 W Class-D Audio Power Amplifier
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
   31 W, Filterless, Class-D Digital Input Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com