Electronic Components Datasheet Search |
|
S2EB-L2-3V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works) |
|
S2EB-L2-3V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works) |
3 / 4 page S 221 REFERENCE DATA 1. Maximum switching power 2. Life curve 3. Contact reliability Condition: 1V DC, 1mA Detection level 10 Ω Tasted Sample: S4EB-24V, 10pcs 100 1,000 10 0.1 1 10 Contact current, A DC resistive load AC resistive load 1,000 500 100 50 30 10 01 2 3 45 Contact current, A 125 V AC (cos ϕ = 1.0) 250 V AC (cos ϕ = 1.0) 99.9 99.0 95.0 0.1 1.0 10.0 0.2 0.5 1.0 2.0 5.0 10.0 30.0 50.0 70.0 No. of operations, ×107 m = 1.6 µ: 79 million time σ: 51 million time 95% reliability limit: 14.6 million times (weibul probability paper) 4.-(1) Coil temperature rise Tested Sample: S4EB-24V, 4 Form A 4.-(2) Coil temperature rise Tested Sample: S4EB-24V, 4 Form A 5.-(1) Operate and release time (Single side stable type) Tested Sample: S4EB-24V, 10pcs 4A 0A 100 0.2 0.4 0.6 0.8 1.0 1.2 90 80 70 60 50 40 30 20 10 0 Coil operating power, W 100 1 2 3456 90 80 70 60 50 40 30 20 10 0 Coil operating power, 0.2 W Contact current, A Min. Max. Min. Max. Min. Max. 80 100 120 140 20 18 16 14 12 10 8 6 4 2 0 Coil applied voltage, %V Release time (with diode) Operate time Release time 5.-(2) Operate time (2 coil latching type) Tested Sample: S2EB-L2-12V Min. Min. Max. Max. 20 80 100 120 140 18 16 14 12 10 8 6 4 2 Coil applied voltage, %V (with diode) (without diode) 6. Influence of adjacent mounting 510 –30 0 +30 510 –30 0 +30 (1) (2) (3) (1) & (3) relays are energized Single side stable 2 coil latching Drop-out voltage Pick-up voltage Pick-up voltage Inter-relay distance, mm Inter-relay distance, mm Note: When installing an S-relay near another, and there is no effect from an external magnetic field, be sure to leave at least 10 mm .394 inch between relays in order to acheive the performance listed in the catalog. 7. Thermal electromotive force 200 2 4 6 8 10 12 100 Minute NR-H NF relay S relay 8. Effect from an external magnetic field 0 0 50 100 –30 +30 50 100 –30 +30 G G Pick-up voltage Pick-up voltage Drop-out voltage Single side stable 2 coil latching φ 50 100 –30 –30 0 +30 50 100 0 +30 G G Pick-up voltage Pick-up voltage Drop-out voltage Single side stable 2 coil latching φ |
Similar Part No. - S2EB-L2-3V |
|
Similar Description - S2EB-L2-3V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |