Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G14DSFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G14DSFR
Description  Low-Power Single Schmitt-Trigger Inverter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G14DSFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G14DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 9Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 10Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
SN74AUP1G14
www.ti.com
SCES578J – JUNE 2003 – REVISED SEPTEMBER 2017
Product Folder Links: SN74AUP1G14
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ICC
VI = GND or (VCC to 3.6 V)
IO = 0
TA = 25°C
0.8 V to 3.6 V
0.5
µA
TA = –40°C to +85°C
0.9
ΔICC
VI = VCC – 0.6 V
IO = 0
TA = 25°C
3.3 V
40
µA
TA = –40°C to +85°C
50
CI
VI = VCC or GND
TA = –40°C to +85°C
0 V
1.5
pF
TA = –40°C to +85°C
3.6 V
CO
VO = GND
TA = –40°C to +85°C
0 V
2.5
pF
6.6 Switching Characteristics: CL = 5 pF
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 2 and Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
16.3
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
4.2
6.9
11.7
TA = –40°C to +85°C
0.9
15
VCC = 1.5 V ± 0.1 V
TA = 25°C
3.7
5.2
8.4
TA = –40°C to +85°C
1.7
10.7
VCC = 1.8 V ± 0.15 V
TA = 25°C
3.3
4.4
6.9
TA = –40°C to +85°C
1.9
8.5
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.8
3.5
4.8
TA = –40°C to +85°C
1.8
6.1
VCC = 3.3 V ± 0.3 V
TA = 25°C
2.5
3
4
TA = –40°C to +85°C
1.7
4.9
6.7 Switching Characteristics: CL = 10 pF
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 2 and Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
18.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
4.6
7.9
13.4
TA = –40°C to +85°C
1.3
16.7
VCC = 1.5 V ± 0.1 V
TA = 25°C
4
6
9.6
TA = –40°C to +85°C
2.2
11.8
VCC = 1.8 V ± 0.15 V
TA = 25°C
3.6
5
7.9
TA = –40°C to +85°C
2.4
9.5
VCC = 2.5 V ± 0.2 V
TA = 25°C
3.2
4
5.5
TA = –40°C to +85°C
2.3
6.8
VCC = 3.3 V ± 0.3 V
TA = 25°C
2.9
3.5
4.6
TA = –40°C to +85°C
2.1
5.6


Similar Part No. - SN74AUP1G14DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14DSFR TI-SN74AUP1G14DSFR Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DSFR TI-SN74AUP1G14DSFR Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DSFR TI1-SN74AUP1G14DSFR Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
More results

Similar Description - SN74AUP1G14DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com