Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G14 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G14
Description  Low-Power Single Schmitt-Trigger Inverter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G14 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G14 Datasheet HTML 1Page - Texas Instruments SN74AUP1G14 Datasheet HTML 2Page - Texas Instruments SN74AUP1G14 Datasheet HTML 3Page - Texas Instruments SN74AUP1G14 Datasheet HTML 4Page - Texas Instruments SN74AUP1G14 Datasheet HTML 5Page - Texas Instruments SN74AUP1G14 Datasheet HTML 6Page - Texas Instruments SN74AUP1G14 Datasheet HTML 7Page - Texas Instruments SN74AUP1G14 Datasheet HTML 8Page - Texas Instruments SN74AUP1G14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
A
Y
1
3
Copyright © 2017, Texas Instruments Incorporated
A
Y
2
4
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74AUP1G14
SCES578J – JUNE 2003 – REVISED SEPTEMBER 2017
SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
1
1 Features
1
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Low Static-Power Consumption
(ICC = 0.9 µA Maximum)
Low Dynamic-Power Consumption
(Cpd = 4.4 pF Typical at 3.3 V)
Low Input Capacitance (CI = 1.5 pF Typical)
Low Noise – Overshoot and Undershoot
<10% of VCC
Ioff Supports Partial-Power-Down Mode Operation
Includes Schmitt-Trigger Inputs
Wide Operating VCC Range of 0.8 V to 3.6 V
Optimized for 3.3-V Operation
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Operation
tpd = 4.9 ns Maximum at 3.3 V
2 Applications
AV Receivers
Smartphones
Blu-ray Players and Home Theaters
DVD Recorders and Players
Desktop or Notebook PCs
Embedded PCs
GPS: Personal Navigation Devices
Mobile Internet Devices
Portable Media Players
Smoke Detectors
Solid State Drive (SSD): Enterprise
High-Definition (HDTV)
Tablets: Enterprise
Audio Docks: Portable
DVR and DVS
3 Description
The AUP family is TI's premier solution to the
industry's
low
power
needs
in
battery-powered
portable applications. This family assures a very low
static and dynamic power consumption across the
entire VCC range of 0.8 V to 3.6 V, resulting in an
increased battery life. This product also maintains
excellent signal integrity (see AUP – The Lowest-
Power Family and Excellent Signal Integrity).
This device functions as an independent gate with
Schmitt-trigger inputs, which allows for slow input
transition and better switching-noise immunity at the
input.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AUP1G14DBV
SOT-23 (5)
2.90 mm x 1.60 mm
SN74AUP1G14DCK
SC70 (5)
2.00 mm x 1.25 mm
SN74AUP1G14DRL
SOT (5)
1.60 mm x 1.20 mm
SN74AUP1G14DRY
SON (6)
1.45 mm x 1.00 mm
SN74AUP1G14DSF
SON (6)
1.00 mm x 1.00 mm
SN74AUP1G14DPW
X2SON (5)
0.80 mm x 0.80 mm
SN74AUP1G14YFP
DSBGA (4)
0.76 mm x 0.76 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)
(DBV, DCK, DRL, DRY, DSF, DPW, and YZP
Packages)
Logic Diagram (Positive Logic)
(YFP Package)


Similar Part No. - SN74AUP1G14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14DBV TI1-SN74AUP1G14DBV Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
More results

Similar Description - SN74AUP1G14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com