Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-38SX3C-TD Datasheet(PDF) 10 Page - Willow Technologies Ltd

Part # CCP-38SX3C-TD
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-38SX3C-TD Datasheet(HTML) 10 Page - Willow Technologies Ltd

Back Button CCP-38SX3C-TD Datasheet HTML 2Page - Willow Technologies Ltd CCP-38SX3C-TD Datasheet HTML 3Page - Willow Technologies Ltd CCP-38SX3C-TD Datasheet HTML 4Page - Willow Technologies Ltd CCP-38SX3C-TD Datasheet HTML 5Page - Willow Technologies Ltd CCP-38SX3C-TD Datasheet HTML 6Page - Willow Technologies Ltd CCP-38SX3C-TD Datasheet HTML 7Page - Willow Technologies Ltd CCP-38SX3C-TD Datasheet HTML 8Page - Willow Technologies Ltd CCP-38SX3C-TD Datasheet HTML 9Page - Willow Technologies Ltd CCP-38SX3C-TD Datasheet HTML 10Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CCP-38S Page 10
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-38S\072013\Q3
Series CCP-38S
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
NORMALLY OPEN CCP-38S PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.PART NO.
1
CCP-38SX3C
43
CCP-38SX40
85
CCP-38SX6C
2
CCP-38SX3C-D
44
CCP-38SX40-D
86
CCP-38SX6C-D
3
CCP-38SX3C-DM
45
CCP-38SX40-DM
87
CCP-38SX6C-DM
4
CCP-38SX3C-M
46
CCP-38SX40-M
88
CCP-38SX6C-M
5
CCP-38SX3C-MS
47
CCP-38SX40-MS
89
CCP-38SX6C-MS
6
CCP-38SX3C-S
48
CCP-38SX40-S
90
CCP-38SX6C-S
7
CCP-38SX3C-T
49
CCP-38SX40-T
91
CCP-38SX6C-T
8
CCP-38SX3C-TD
50
CCP-38SX40-TD
92
CCP-38SX6C-TD
9
CCP-38SX3C-TDM
51
CCP-38SX40-TDM
93
CCP-38SX6C-TDM
10
CCP-38SX3C-TDMS
52
CCP-38SX40-TDMS
94
CCP-38SX6C-TDMS
11
CCP-38SX3C-TDS
53
CCP-38SX40-TDS
95
CCP-38SX6C-TDS
12
CCP-38SX3C-TM
54
CCP-38SX40-TM
96
CCP-38SX6C-TM
13
CCP-38SX3C-TMS
55
CCP-38SX40-TMS
97
CCP-38SX6C-TMS
14
CCP-38SX3C-TS
56
CCP-38SX40-TS
98
CCP-38SX6C-TS
15
CCP-38SX30
57
CCP-38SX5C
99
CCP-38SX60
16
CCP-38SX30-D
58
CCP-38SX5C-D
100
CCP-38SX60-D
17
CCP-38SX30-DM
59
CCP-38SX5C-DM
101
CCP-38SX60-DM
18
CCP-38SX30-M
60
CCP-38SX5C-M
102
CCP-38SX60-M
19
CCP-38SX30-MS
61
CCP-38SX5C-MS
103
CCP-38SX60-MS
20
CCP-38SX30-S
62
CCP-38SX5C-S
104
CCP-38SX60-S
21
CCP-38SX30-T
63
CCP-38SX5C-T
105
CCP-38SX60-T
22
CCP-38SX30-TD
64
CCP-38SX5C-TD
106
CCP-38SX60-TD
23
CCP-38SX30-TDM
65
CCP-38SX5C-TDM
107
CCP-38SX60-TDM
24
CCP-38SX30-TDMS
66
CCP-38SX5C-TDMS
108
CCP-38SX60-TDMS
25
CCP-38SX30-TDS
67
CCP-38SX5C-TDS
109
CCP-38SX60-TDS
26
CCP-38SX30-TM
68
CCP-38SX5C-TM
110
CCP-38SX60-TM
27
CCP-38SX30-TMS
69
CCP-38SX5C-TMS
111
CCP-38SX60-TMS
28
CCP-38SX30-TS
70
CCP-38SX5C-TS
112
CCP-38SX60-TS
29
CCP-38SX4C
71
CCP-38SX50
30
CCP-38SX4C-D
72
CCP-38SX50-D
31
CCP-38SX4C-DM
73
CCP-38SX50-DM
32
CCP-38SX4C-M
74
CCP-38SX50-M
33
CCP-38SX4C-MS
75
CCP-38SX50-MS
34
CCP-38SX4C-S
76
CCP-38SX50-S
35
CCP-38SX4C-T
77
CCP-38SX50-T
36
CCP-38SX4C-TD
78
CCP-38SX50-TD
37
CCP-38SX4C-TDM
79
CCP-38SX50-TDM
38
CCP-38SX4C-TDMS
80
CCP-38SX50-TDMS
39
CCP-38SX4C-TDS
81
CCP-38SX50-TDS
40
CCP-38SX4C-TM
82
CCP-38SX50-TM
41
CCP-38SX4C-TMS
83
CCP-38SX50-TMS
42
CCP-38SX4C-TS
84
CCP-38SX50-TS


Similar Part No. - CCP-38SX3C-TD

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-38SX3C-TD TELEDYNE-CCP-38SX3C-TD Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX3C-TDM TELEDYNE-CCP-38SX3C-TDM Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX3C-TDMS TELEDYNE-CCP-38SX3C-TDMS Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX3C-TDS TELEDYNE-CCP-38SX3C-TDS Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-38SX3C-TD

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com