Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6037496 Datasheet(PDF) 3 Page - SICK AG

Part # 6037496
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037496 Datasheet(HTML) 3 Page - SICK AG

  6037496 Datasheet HTML 1Page - SICK AG 6037496 Datasheet HTML 2Page - SICK AG 6037496 Datasheet HTML 3Page - SICK AG 6037496 Datasheet HTML 4Page - SICK AG 6037496 Datasheet HTML 5Page - SICK AG 6037496 Datasheet HTML 6Page - SICK AG 6037496 Datasheet HTML 7Page - SICK AG 6037496 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VL180-2P42436 | V180-2
PHOTOELECTRIC SENSORS
Ripple
± 10 % 2)
Power consumption
30 3)
Output type
PNP 4)
Switching mode
Light/dark switching 4)
Switching mode selector
Selectable via L/D control cable
Signal voltage PNP HIGH/LOW
Approx. VS – 1.8 V / 0 V
Output current Imax.
≤ 100 mA
Response time
≤ 0.5 ms 5)
Switching frequency
1,000 Hz 6)
Connection type
Male connector M12, 4-pin
Circuit protection
7)
8)
9)
Protection class
III
Weight
18 g
Polarisation filter
Housing material
Plastic, PBT/PC
Optics material
Plastic, PMMA
Enclosure rating
IP67
Items supplied
Reflector P250, fastening nuts (2 x)
Ambient operating temperature
–25 °C ... +55 °C
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
NRKH2.E300503 & NRKH8.E300503
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Control wire open: dark switching D.ON.
5) Signal transit time with resistive load.
6) With light/dark ratio 1:1.
7) A = VS connections reverse-polarity protected.
8) B = inputs and output reverse-polarity protected.
9) D = outputs overcurrent and short-circuit protected.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
ECl@ss 7.0
27270902
ECl@ss 8.0
27270902
ECl@ss 8.1
27270902
ECl@ss 9.0
27270902
ETIM 5.0
EC002717
ETIM 6.0
EC002717
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - 6037496

ManufacturerPart #DatasheetDescription
logo
SICK AG
6037493 SICK-6037493 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
6037494 SICK-6037494 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
6037495 SICK-6037495 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
6037497 SICK-6037497 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
6037498 SICK-6037498 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 6037496

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com