Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG17-7011-75-H Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG17-7011-75-H
Description  sub-miniature pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG17-7011-75-H Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG17-7011-75-H Datasheet HTML 1Page - Willow Technologies Ltd DG17-7011-75-H Datasheet HTML 2Page - Willow Technologies Ltd DG17-7011-75-H Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
1
7
-
-
5
-
-
Contact material
10
-
AgCdO
See coil table 1
20
-
AgNi (90/10)
70
-
AgSnOInO
80
-
AgNi 0.15
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
8U
-
SPST-NO-DM (1 Form U)
8W -
SPDT-DB-DM (1 Form W)
Cover protection category
1
-
no cover, IP00
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
5
-
for PCB
Coil Options
Nil
-
No options
F
-
UL Class F insulation for high ambient temperatures
H
-
UL Class H insulation for high ambient temperatures
DG17
sub-miniature pcb automotive relay
Ref: DG17 121713JHM
Coil Data
Table 1
Coil Voltage
Code
Nominal
Voltage
(VDC)
Coil
Resistance
(Ω) ±10%
Must Operate Voltage Max.
(VDC)
Allowable
Voltage
(VDC)*
Must release voltage min.
(VDC)
1 Form
A/C/U
1 Form W
1 Form A/C/U/W
1006
6
28
3.75
4.5
8
0.7
1012
12
130
7.50
9.0
16
1.4
1024
24
520
15.00
18.0
31
2.8
* At ambient temperature of 85’C, maximum allowable voltage should be reduced to 72%
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552


Similar Part No. - DG17-7011-75-H

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG17 AEC-DG17 Datasheet
318Kb / 3P
   open, dust cover and sealed versions
More results

Similar Description - DG17-7011-75-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Omron Electronics LLC
G8SE OMRON-G8SE Datasheet
291Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
logo
Omron Electronics LLC
G8QN OMRON-G8QN Datasheet
550Kb / 8P
   Miniature Automotive PCB Relay
logo
Sanyou Corporation Limi...
SARG SANYOU-SARG Datasheet
212Kb / 3P
   Miniature PCB Automotive Relay
SARA SANYOU-SARA Datasheet
88Kb / 3P
   Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
   Miniature PCB Automotive Relay
logo
Omron Electronics LLC
G8SN OMRON-G8SN Datasheet
185Kb / 3P
   Sub-Miniature PCB Relay
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com