Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH03000W Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03000W
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03000W Datasheet(HTML) 3 Page - Texas Instruments

  PTH03000W Datasheet HTML 1Page - Texas Instruments PTH03000W Datasheet HTML 2Page - Texas Instruments PTH03000W Datasheet HTML 3Page - Texas Instruments PTH03000W Datasheet HTML 4Page - Texas Instruments PTH03000W Datasheet HTML 5Page - Texas Instruments PTH03000W Datasheet HTML 6Page - Texas Instruments PTH03000W Datasheet HTML 7Page - Texas Instruments PTH03000W Datasheet HTML 8Page - Texas Instruments PTH03000W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
For technical support and further information visit http://power.ti.com
Environmental & Absolute Maximum Ratings
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Operating Temperature Range
Ta
Over Vin Range
–40 (i)
+85°C
Solder Reflow Temperature
Treflow
Surface temperature of module body or pins
235 (ii)
°C
Storage Temperature
Ts
–40
+125°C
Over Temperature Protection
OTP
IC junction temperature
150
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
1 msec, ½ sine, mounted
Mechanical Vibration
Mil-STD-883D, Method 2007.2
20
G’s
20-2000 Hz
Weight
2
grams
Flammability
Meets UL 94V-O
Notes:
(i) During reflow of SMD package version do not elevate peak temperature of the module, pins or internal components above the stated maximum.
PTH03000W —3.3-V Input
6-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS200C– MAY 2003 – REVISED DECEMBER 2003
Electrical Specifications Unless otherwise stated, Ta =25 °C, Vin =3.3 V, Vo =2 V, Cin =100 µF, Cout =0 µF, and Io =Iomax
PTH03000W
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
0.9 V
≤ Vo ≤ 2.5 V, Ta=60 °C, 200 LFM airflow
0
6 (1)
A
Ta =25 °C, natural convection
0
6 (1)
Input Voltage Range
Vin
Over Io range
3
3.6
V
Set-Point Voltage Tolerance
Votol
±2 (2)
%Vo
Temperature Variation
∆Regtemp
–40 °C <Ta < +85 °C
±0.5
%Vo
Line Regulation
∆Regline
Over Vin range
±5—
mV
Load Regulation
∆Regload
Over Io range
±5—
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
±3 (2)
%Vo
–40 °C
≤ Ta ≤ +85 °C
Efficiency
η
Io =4 A
RSET = 576 Ω
Vo = 2.5 V
93
RSET = 3.09 kΩ Vo = 2.0 V
91
RSET = 4.87 kΩ Vo = 1.8 V
90
%
RSET = 9.76 kΩ Vo = 1.5 V
88
RSET = 24.3 kΩ Vo = 1.2 V
86
RSET = 82.5 kΩ Vo = 1.0 V
84
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
20
mVpp
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
Vo =1.8 V, Cout =100 µF
ttr
Recovery time
70
µSec
∆Vtr
Vo over/undershoot
100
mV
Current Limit
Ilim
∆Vo = –50 mV
13
A
Under-Voltage Lockout
UVLO
Vin increasing
2.953
V
Vin decreasing
2.6
2.8
Inhibit Control (pin 3)
Referenced to GND
Input High Voltage
VIH
Vin –0.5—
Open (3)
V
Input Low Voltage
VIL
–0.2
0.8
Input Low Current
IIL
Pin 3 to GND
–10
µA
Standby Input Current
Iin inh
pins 1 & 3 connected
1
mA
Switching Frequency
ƒs
Over Vin and Io ranges
700
kHz
External Input Capacitance
Cin
100 (4)
——µF
External Output Capacitance
Cout
Capacitance value
non-ceramic
0
100 (5)
1,000 (6)
µF
ceramic
0
300
Equiv. series resistance (non-ceramic)
4
(7)
——m
Reliability
MTBF
Per Bellcore TR-332
28
——106 Hrs
50 % stress, Ta =40 °C, ground benign
Notes: (1) See SOA curves or consult factory for appropriate derating.
(2) The set-point voltage tolerance is affected by the tolerance and stability ofRSET. The stated limit is unconditionally met if RSET has a tolerance of 1 %
with 100 ppm/°C or better temperature stability.
(3) The Inhibit control (pin 3) has an internal pull-up to Vin, and if left open-circuit the module will operate when input power is applied. A small low-
leakage (<100 nA) MOSFET is recommended to control this input. See application notes for more information.
(4) The regulator requires a minimum of 100 µF input capacitor with a minimum 300 mArms ripple current rating. For further information, consult the
related application note on Capacitor Recommendations.
(5) An external output capacitor is not required for basic operation. Adding 100 µF of distributed capacitance at the load will improve the transient response.
(6) This is the calculated maximum. The minimum ESR limitation will often result in a lower value. Consult the application notes for further guidance.
(7) This is the typical ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values to calculate.


Similar Part No. - PTH03000W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000WAD TI-PTH03000WAD Datasheet
369Kb / 13P
[Old version datasheet]   Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
PTH03000WAH TI-PTH03000WAH Datasheet
369Kb / 13P
[Old version datasheet]   Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
PTH03000WAS TI-PTH03000WAS Datasheet
369Kb / 13P
[Old version datasheet]   Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
PTH03000WAST TI-PTH03000WAST Datasheet
369Kb / 13P
[Old version datasheet]   Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
PTH03000WAZ TI-PTH03000WAZ Datasheet
369Kb / 13P
[Old version datasheet]   Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
More results

Similar Description - PTH03000W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
[Old version datasheet]   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
[Old version datasheet]   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH22T033 ASTEC-ATH22T033 Datasheet
432Kb / 14P
   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com