Electronic Components Datasheet Search |
|
MA40300M Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
MA40300M Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 7 page MAZ4000 Series SKE00004CED 4 MAZ4220 20.8 22 23.3 20.3 MAZ4220-L 20.8 21.3 21.86 15 0.05 20.3 60 20 5.5 0.5 180 16.4 18.4 20 34 60 Red Red MAZ4220-M 21.45 22 22.55 20.9 MAZ4220-H 22.1 22.7 23.24 21.6 MAZ4240 22.8 24 25.6 22.3 MAZ4240-L 22.8 23.3 23.97 17 0.05 22.3 60 25 70 0.5 180 18.4 20.4 22 33 55 Red Yellow MAZ4240-M 23.5 24 24.7 23 MAZ4240-H 24.35 25 25.6 23.8 Part number Zener voltage Reverse current VZ (V) IR1 (µA) IR2 (µA) RZ (Ω)RZK (Ω)SZ (mV/°C) IZ = 5 mA VR VR IZ = 5 mA IZ IZ = 5 mA Min Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max 1st. 2nd. 3rd. Ct (pF) (VR = 0 V) f = 1 MHz Typ Max MAZ4270 25.1 27 28.9 24.8 MAZ42700L 25.3 26 26.7 19 0.05 24.8 60 25 80 0.5 200 21.4 23.4 25.3 30 50 Red Purple MAZ42700M 26.3 27 27.7 25.8 MAZ42700H 27.3 28 28.7 26.8 MAZ4300 28 30 32 27.8 MAZ43000L 28.3 29 29.7 21 0.05 27.8 60 30 80 0.5 200 24.4 26.6 29.4 27 50 Orange Black MAZ43000M 29.3 30 30.8 28.8 MAZ43000H 30.2 31 31.8 29.7 MAZ4330 31 33 35 30.7 MAZ43300L 31.2 32 32.8 23 0.05 30.7 60 35 80 0.5 200 27.4 29.7 33.4 25 45 Orange Orange MAZ43300M 32.2 33 33.8 31.7 MAZ43300H 33.2 34 34.9 32.7 MAZ4360 34 36 38 33.6 MAZ43600L 34.1 35 35.9 25 0.05 33.6 60 35 90 0.5 200 30.4 33 37.4 23 45 Orange Blue MAZ43600M 35.1 36 36.9 34.6 MAZ43600H 36.1 37 37.9 35.6 MAZ4390 37 41 36 MAZ43900L 37.1 39 27 0.05 36 60 130 0.5 250 33.4 36.4 41.2 21 45 Orange White MAZ43900M 38 40 36 MAZ43900H 39 41 36 • V Z = 27.0 V to 39.0 V (IZ = 2 mA) Part number Zener voltage Reverse current VZ (V) IR1 (µA) IR2 (µA) RZ (Ω)RZK (Ω)SZ (mV/°C) IZ = 2 mA VR VR IZ = 2 mA IZ IZ = 2 mA Min Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max 1st. 2nd. 3rd. Ct (pF) (VR = 0 V) f = 1 MHz Typ Max Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C. 2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C. s Electrical characteristics within part numbers (continued) T a = 25°C • V Z = 22.0 V to 24.0 V (IZ = 5 mA) Temperature coefficient of zener voltage Terminal capaci- tance Temperature coefficient of zener voltage Terminal capaci- tance Marking symbol Color indication Main body: Yellowish green Marking symbol Color indication Main body: Yellowish green Zener operating resistance Zener operating resistance |
Similar Part No. - MA40300M |
|
Similar Description - MA40300M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |