Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG19-7011-35-81 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG19-7011-35-81
Description  pcb automotive / industrial relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG19-7011-35-81 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG19-7011-35-81 Datasheet HTML 1Page - Willow Technologies Ltd DG19-7011-35-81 Datasheet HTML 2Page - Willow Technologies Ltd DG19-7011-35-81 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG19
pcb automotive / industrial relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A), SPST-NC (1 Form B), SPDT (1 Form C)
Contact material
AgNi0.15, AgNi90/10, AgSnOInO, AgSnO
2, AgCdO
Max. switching voltage
DC 30VDC - Current dependent - see Fig 4
Min. switching current / voltage
0.01A/12VDC (AgNi0.15), 0.5A/5VDC (AgSnOInO)
1 Form A
1 Form B
1 Form C
NO
NC
Max. continuous current
DC1
45A (AgSnOInO)
40A (AgSnO
2)
30A
45A (AgSnOInO)
40A (AgSnO
2)
30A
Max. switching current
Make 180A (AgSnOInO)
100A
30A
180A (AgSnOInO)
100A
30A
Break
60A
30A
60A
30A
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 6, 12, 24V
Must release voltage
10% U
n
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 1.5W approx.
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1 min.
General Data
Operating time (typical)
ms ≤ 5
Release time (typical)
ms ≤ 3
Electrical Life
ops 2 x 105 (see Note 2)
Mechanical life
ops 1 x 107
Dimensions
L x W x H various - see dimensions Fig.1
Weight
open: 18g / covered: 23g approx.
Ambient temperature
storage -40 to +155°C
operating -40 to 125°C (higher to special order)
Shock resistance
Functional: 20g 11mS; Destructive: 100g
Vibration resistance
Functional: NO 20g; NC 10g 20-200Hz
Drop resistance
1M height drop on concrete in final enclosure
• 30A to 45A continuous current capacity
• AgSnOInO contacts for motor & lamp loads
• open, dust cover and sealed versions
• US & European terminal configurations
• Automotive oriented design
Ref: DG19 051216JHM
RoHS Compliant
Specifications are subject to change without notice. E&OE.


Similar Part No. - DG19-7011-35-81

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG19 AEC-DG19 Datasheet
324Kb / 3P
   Automotive oriented design
logo
Vishay Siliconix
DG190 VISHAY-DG190 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
logo
Intersil Corporation
DG190 INTERSIL-DG190 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG190 INTERSIL-DG190 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG190 VISHAY-DG190 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
More results

Similar Description - DG19-7011-35-81

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
OEN45 OENINDIA-OEN45_18 Datasheet
248Kb / 2P
   INDUSTRIAL PCB RELAY
OEN45 OENINDIA-OEN45 Datasheet
341Kb / 2P
   AUTOMOTIVE PCB RELAY
logo
Willow Technologies Ltd
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
   Subminiature PCB Automotive Relay
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
   Miniature PCB Automotive Relay
logo
Willow Technologies Ltd
DG34A WILLOW-DG34A Datasheet
364Kb / 3P
   automotive pcb power relay
logo
List of Unclassifed Man...
G8SN ETC-G8SN Datasheet
39Kb / 2P
   SubMiniature Automotive PCB Relay
logo
Omron Electronics LLC
G8QN OMRON-G8QN Datasheet
550Kb / 8P
   Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com