Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEVR20-5081-S8-4895-3 Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # DEVR20-5081-S8-4895-3
Description  Electric Vehicle Contactor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DEVR20-5081-S8-4895-3 Datasheet(HTML) 4 Page - Willow Technologies Ltd

  DEVR20-5081-S8-4895-3 Datasheet HTML 1Page - Willow Technologies Ltd DEVR20-5081-S8-4895-3 Datasheet HTML 2Page - Willow Technologies Ltd DEVR20-5081-S8-4895-3 Datasheet HTML 3Page - Willow Technologies Ltd DEVR20-5081-S8-4895-3 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DEVR20
Electric Vehicle Contactor
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 4 of 4
www.durakoolrelays.com Sales Department Tel: +1 574 295 6330 Toll: (888) 847 6552
Specifications are subject to change without notice. E&OE.
Ref: DEVR20 011216JHM
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
700
800
350 VDC
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
700
800
450 VDC
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
700
800
600 VDC
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
700
800
750 VDC
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
700
800
800 VDC
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
700
800
900 VDC
Amps
Amps
Amps
Amps
Amps
Amps
Electrical Life (Make & Break) Switching (resistive load)
Fig. 2 (continued)


Similar Part No. - DEVR20-5081-S8-4895-3

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DEVR20 AEC-DEVR20 Datasheet
765Kb / 4P
   Reliable contacts, in inert gas
More results

Similar Description - DEVR20-5081-S8-4895-3

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
   Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
   Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
   electric vehicle relay
logo
Bel Fuse Inc.
0AKL BEL-0AKL Datasheet
433Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
   Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
   Construction Equipment Electric Vehicle
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
   Electric Vehicle Motor Control
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com