Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG08-2011-35-F Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG08-2011-35-F
Description  miniature automotive twin power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG08-2011-35-F Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG08-2011-35-F Datasheet HTML 1Page - Willow Technologies Ltd DG08-2011-35-F Datasheet HTML 2Page - Willow Technologies Ltd DG08-2011-35-F Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG08
miniature automotive twin power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Life Expectancy
Locked Motor Current (A)
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm
Reference Curves
Fig. 3
Specifications are subject to change without notice. E&OE.
Ref: DG08 121913JHM
Power Load Limit
Contact Voltage (VDC)
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Maximum make current refers to inrush current of lamp load.
3: Electrical life of obtained at motor load of locked rotor at 25A, 13.5VDC, with operating frequency of 6 ops/sec.
4: Electrical life is strongly dependent of switching frequency, On/Off ratio and environmental conditions.


Similar Part No. - DG08-2011-35-F

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG08 AEC-DG08 Datasheet
328Kb / 3P
   simplified coil connections
More results

Similar Description - DG08-2011-35-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
CF2-12V PANASONICBATTERY-CF2-12V Datasheet
106Kb / 3P
   TWIN POWER AUTOMOTIVE RELAY
logo
Picker Components
PC617 PICKER-PC617_17 Datasheet
1Mb / 2P
   Automotive Twin PCB Power Relay
PC617 PICKER-PC617 Datasheet
235Kb / 2P
   Automotive Twin PCB Power Relay
PC617 PICKER-PC617_14 Datasheet
315Kb / 2P
   Automotive Twin PCB Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
   Subminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC566 PICKER-PC566 Datasheet
136Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC621 PICKER-PC621 Datasheet
171Kb / 2P
   Subminiature Automotive PCB Twin Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com