Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG17-2011-15-F Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG17-2011-15-F
Description  sub-miniature pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG17-2011-15-F Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG17-2011-15-F Datasheet HTML 1Page - Willow Technologies Ltd DG17-2011-15-F Datasheet HTML 2Page - Willow Technologies Ltd DG17-2011-15-F Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG17
sub-miniature pcb automotive relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Wiring Diagrams
Fig. 2
Wiring Diagrams (Bottom View)
Dimensions in mm
Reference Curves
Fig. 3
Specifications are subject to change without notice. E&OE.
Ref: DG17 121713JHM
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Electrical life obtained at resistive or inductive load at 10A, 15VDC for 1 Form A/C/U/ and 7A, 15VDC for 1 Form W, with suitable arc sup-
pression circuit attached and with operating frequency of 1 op/sec.
3: Maximum make current refers to lamp load inrush current.
4: For optimum electrical life, please remove the knock off nib of the sealed version after cleaning process.
Open Frame
Covered
PCB Mounting Dimensions (Bottom View)
1 Form A (SPST-NO)
1 Form C (SPDT)
1 Form U (SPST-NO-DM)
1 Form W (SPDT-DB-DM)


Similar Part No. - DG17-2011-15-F

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG17 AEC-DG17 Datasheet
318Kb / 3P
   open, dust cover and sealed versions
More results

Similar Description - DG17-2011-15-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Omron Electronics LLC
G8SE OMRON-G8SE Datasheet
291Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
logo
Omron Electronics LLC
G8QN OMRON-G8QN Datasheet
550Kb / 8P
   Miniature Automotive PCB Relay
logo
Sanyou Corporation Limi...
SARG SANYOU-SARG Datasheet
212Kb / 3P
   Miniature PCB Automotive Relay
SARA SANYOU-SARA Datasheet
88Kb / 3P
   Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
   Miniature PCB Automotive Relay
logo
Omron Electronics LLC
G8SN OMRON-G8SN Datasheet
185Kb / 3P
   Sub-Miniature PCB Relay
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com